Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130112-0073 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130112-0073
Description  Suptex Side Outlet Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130112-0073 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130112-0073 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130112-0073
Status:
Active
Overview:
Lighting Accessories
Description:
Suptex Side Outlet Socket
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678860893
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
54.10mm (2.130")
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
118.87mm (4.680")
Length
N/A
Material - Guard
N/A
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Incandescent
Lamp Type
A21
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
120VAC 60 HZ
Material Info
Old Part Number
1135U
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130112Series
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130112-0073

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130112-0070 MOLEX11-130112-0070 Datasheet
31Kb / 1P
   Lamp Cover Package - 10 PCS
130112-0071 MOLEX11-130112-0071 Datasheet
31Kb / 1P
   Suptex Standard Socket Suptex Standard SOC
130112-0072 MOLEX11-130112-0072 Datasheet
31Kb / 1P
   Suptex Switch Socket
130112-0074 MOLEX11-130112-0074 Datasheet
31Kb / 1P
   Suptex Comb Socket
130112-0075 MOLEX11-130112-0075 Datasheet
41Kb / 1P
   Plain Super Protex Handle
More results

Similar Description - 130112-0073

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301120073 MOLEX11-1301120073 Datasheet
43Kb / 1P
   Suptex Side Outlet Socket, Industrial Duty
130112-0077 MOLEX11-130112-0077 Datasheet
39Kb / 1P
   Side Outlet Suptex Handle
1301120077 MOLEX11-1301120077 Datasheet
32Kb / 1P
   Side Outlet Suptex Handle, Industrial Duty
1301120071 MOLEX11-1301120071 Datasheet
43Kb / 1P
   Suptex Standard Socket Suptex Standard SOC
130112-0074 MOLEX11-130112-0074 Datasheet
31Kb / 1P
   Suptex Comb Socket
130112-0071 MOLEX11-130112-0071 Datasheet
31Kb / 1P
   Suptex Standard Socket Suptex Standard SOC
130112-0072 MOLEX11-130112-0072 Datasheet
31Kb / 1P
   Suptex Switch Socket
1301120072 MOLEX11-1301120072 Datasheet
43Kb / 1P
   Suptex Switch Socket, Industrial Duty
1301120074 MOLEX11-1301120074 Datasheet
43Kb / 1P
   Suptex Comb Socket, Industrial Duty
logo
PHOENIX CONTACT
1164300 PHOENIX-1164300 Datasheet
1Mb / 11P
   Socket Outlet - EV-T2M3SO12-4P-B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com