Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2029L050 Datasheet(PDF) 1 Page - Littelfuse

Part # 2029L050
Description  SURFACE MOUNT PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2029L050 Datasheet(HTML) 1 Page - Littelfuse

  2029L050 Datasheet HTML 1Page - Littelfuse 2029L050 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22
RESETTABLE PTCs
SURFACE MOUNT PTC
2029L/3425L Series
®
®
TUV
PRODUCT SERVICE
• The 2029L/3425L Series Resettable devices utilize a
unique polymer-based, Positive Temperature Coefficient
(PTC) material to protect electrical circuits against over-
current conditions.
• In normal operation, the 2029L/3425L Series PTC has
many conductive paths and a very low resistance. In an
overcurrent condition, the temperature of the polymer
material rises. This dramatically reduces the conductive
paths resulting in an immediate rise in resistance. In this
condition, the device provides circuit protection by signif-
icantly limiting the flow of current. However, once the
cause of the initial overcurrent condition is eliminated,
the 2029L/3425L Series PTC cools down and resets to a
low resistance value permitting the normal current flow
to resume.
• The 2029L/3425L Series are surface mountable.
AGENCY APPROVALS: Recognized under the
Components Program of Underwriters Laboratory and the
Component Acceptance Program of CSA. TUV approved.
AGENCY FILE NUMBERS: UL E183209, CSA LR 108832
PHYSICAL SPECIFICATIONS:
Materials: Terminal Material: Tin Plated Brass to
MIL-T-10727B
Lead Solderability: Meets EIA specification RS186-9E
Device Labeling: Device is marked with the letter ‘L’,
amperage rating and date code.
Packaging: Packaged in tape and reel carrier per
EIA 481-2 standard
Standard reel quantities:
ENVIRONMENTAL SPECIFICATIONS:
Passive Aging: 85°C, 1000 Hours. ±5% typical resistance
change.
Humidity Aging: 85°C, 85% R.H., 1000 hours. ±5% typi-
cal resistance change.
Thermal Shock: 85°C / –40°C, 20 times. ±10% typical
resistance change.
Vibration: MIL-STD 202, Method 201. No resistance
change.
Mechanical Shock: MIL-STD-202, Method 213 test condi-
tion I (100 g’s, 6 sec.). No resistance change.
Max. Surface Temperature: 125°C
Operating/Storage Temperature: –40°C to 85°C
Part
Reel
Packaging
Number
Quantity
Suffix
2029L Series
2000
PR
3425L Series
1500
DR
-40
-30
-20
-10
0
102030405060708090
0
50
100
150
200
Temperature (
°C)
Rerating Curve for 2029L /3425L Series
OBSOLETE
PART
For NEW Designs use 1812L series PTC in place of the 2029L
Series.


Similar Part No. - 2029L050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2029 ETC2-2029 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
2029 ETC2-2029 Datasheet
93Kb / 2P
   THREADED STANDOFFS
logo
Bourns Electronic Solut...
2029-09-SM--RPLF BOURNS-2029-09-SM--RPLF Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2029-09-SM-LF BOURNS-2029-09-SM-LF Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2029-09-SMLF BOURNS-2029-09-SMLF Datasheet
235Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
More results

Similar Description - 2029L050

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZCJ BEL-0ZCJ Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCM BEL-0ZCM Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCK BEL-0ZCK_16 Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCH BEL-0ZCH_16 Datasheet
1Mb / 4P
   Surface Mount PTC
logo
Littelfuse
1206L LITTELFUSE-1206L Datasheet
129Kb / 2P
   Surface Mount PTC
1812L LITTELFUSE-1812L Datasheet
154Kb / 2P
   Surface Mount PTC
3425L LITTELFUSE-3425L Datasheet
249Kb / 2P
   Surface Mount PTC
logo
Bel Fuse Inc.
0ZCB BEL-0ZCB_13 Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCD BEL-0ZCD_13 Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCE BEL-0ZCE_13 Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCC BEL-0ZCC_13 Datasheet
1Mb / 4P
   Surface Mount PTC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com