Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GEE134N-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # GEE134N-C
Description  Grommet Edging
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GEE134N-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  GEE134N-C Datasheet HTML 1Page - PANDUIT CORP. GEE134N-C Datasheet HTML 2Page - PANDUIT CORP. GEE134N-C Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Order number of pieces required, in multiples of Standard Package Quantity.
A
B
Part Number System for Grommet Edging
Max. Panel
Thickness
36 = 0.036" thickness
62 = 0.062" thickness
99 = 0.099" thickness
144 = 0.144" thickness
189 = 0.189" thickness
Type
GE
= Grommet
Edging Strips
GEE = Slotted
Grommet Edging
GES = Solid
Grommet Edging
Adhesive
A = Adhesive
Lined
Leave Blank =
Non-Adhesive
Q = 25'
L = 50'
C = 100'
Color Suffix
0 = Weather
Resistant Black
Leave Blank = Natural
GEE
36
F
A
C
0
––
F = Polyethylene
N = Nylon 6.6
FR = Flame
Retardant
Polyethylene
Material
Package Size
Grommet Edging
‡Reel packaging may contain splices. Contact Panduit Customer Service for further information.
• Use slotted product on irregularly shaped and round panel holes
• Solid product is used only on straight edges
• Provided in 0.030" (0.8mm) thick material making it highly flexible
Part Number
Width
A
Height
B
Panel Thickness Range
Material
Color
Temperature
Range
Std.
Pkg.
Qty.‡
In.
mm
In.
mm
In.
mm
Slotted
GEE36F-C
0.11
2.7
0.12
3.0
0.026 – 0.036
0.7 – 0.9
Polyethylene
Natural
-40°F – 122°F
(-40°C – 50°C)
1
GEE36F-C0
0.11
2.7
0.12
3.0
0.026 – 0.036
0.7 – 0.9
Weather Resistant
Polyethylene
Black
1
GEE62F-C
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Polyethylene
Natural
1
GEE62F-C0
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Weather Resistant
Polyethylene
Black
1
GEE99F-C
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Polyethylene
Natural
1
GEE99F-C0
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Weather Resistant
Polyethylene
Black
1
GEE144F-C
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Polyethylene
Natural
1
GEE144F-C0
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Weather Resistant
Polyethylene
Black
1


Similar Part No. - GEE134N-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
GEE134N-C PANDUIT-GEE134N-C Datasheet
104Kb / 3P
   Use slotted product on irregularly shaped and round panel holes, Grommet Edging
More results

Similar Description - GEE134N-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
GEE36F-C PANDUIT-GEE36F-C Datasheet
104Kb / 3P
   Use slotted product on irregularly shaped and round panel holes, Grommet Edging
logo
3M Electronics
8411 3M-8411 Datasheet
13Kb / 2P
   Edging and Reinforcing Tape
logo
Richco, Inc.
SG8-250-81 RICHCO-SG8-250-81 Datasheet
37Kb / 1P
   SCREW GROMMET
EG-0-01 RICHCO-EG-0-01 Datasheet
49Kb / 1P
   EXPANSION GROMMET
logo
PHOENIX CONTACT
1686601 PHOENIX-1686601 Datasheet
46Kb / 3P
   Grommet - HC-DR-PG29
1686795 PHOENIX-1686795 Datasheet
46Kb / 3P
   Grommet - HC-DR-PG11
1686575 PHOENIX-1686575 Datasheet
48Kb / 2P
   Grommet - HC-DR-PG13
logo
Richco, Inc.
SRSG6-04-01 RICHCO-SRSG6-04-01 Datasheet
39Kb / 1P
   SELF RETAINING SCREW GROMMET
logo
PHOENIX CONTACT
1686588 PHOENIX-1686588 Datasheet
46Kb / 3P
   Grommet - HC-DR-PG16
1686591 PHOENIX-1686591 Datasheet
48Kb / 2P
   Grommet - HC-DR-PG21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com