Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM3442 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3442
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3442 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM3442_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3442_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3442_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3442_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3442_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3442_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM3442_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSM3442
Taiwan Semiconductor
Document Number: DS_P0000076
2
Version: B15
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
(Note 3)
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
20
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
0.65
0.95
1.2
V
Gate Body Leakage
VGS = ±8V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 16V, VGS = 0V
IDSS
--
--
1.0
µA
Drain-Source On-State Resistance
VGS = 4.5V, ID = 4A
RDS(ON)
--
50
70
mΩ
VGS = 2.5V, ID = 3.5A
--
60
90
Dynamic
(Note 4)
Total Gate Charge
VDS = 10V, ID = 4A,
VGS = 4.5V
Qg
--
5.4
--
nC
Gate-Source Charge
Qgs
--
0.65
--
Gate-Drain Charge
Qgd
--
1.4
--
Input Capacitance
VDS = 10V, VGS = 0V,
f = 1.0MHz
Ciss
--
340
--
pF
Output Capacitance
Coss
--
115
--
Reverse Transfer Capacitance
Crss
--
33
--
Switching
(Note 5)
Turn-On Delay Time
VDD = 6V, RL = 10Ω,
ID = 1A, VGEN = 4.5V,
RG = 6Ω
td(on)
--
12
--
ns
Turn-On Rise Time
tr
--
36
--
Turn-Off Delay Time
td(off)
--
34
--
Turn-Off Fall Time
tf
--
10
--
Source-Drain Diode
(Note 3)
Forward On Voltage
IS = 1.6A, VGS = 0V
VSD
--
0.76
1.2
V
Notes:
1.
Current limited by package
2.
Pulse width limited by the maximum junction temperature
3.
Pulse test: PW ≤ 300µs, duty cycle ≤ 2%
4.
For DESIGN AID ONLY, not subject to production testing.
5.
Switching time is essentially independent of operating temperature.


Similar Part No. - TSM3442_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3442CX6 TSC-TSM3442CX6 Datasheet
167Kb / 3P
   20V N-Channel Enhancement Mode MOSFET
TSM3442CX6 TSC-TSM3442CX6 Datasheet
349Kb / 6P
   20V N-Channel MOSFET
TSM3442 TSC-TSM3442_07 Datasheet
349Kb / 6P
   20V N-Channel MOSFET
More results

Similar Description - TSM3442_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com