Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GES144F-C0 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # GES144F-C0
Description  Grommet Edging
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GES144F-C0 Datasheet(HTML) 2 Page - PANDUIT CORP.

  GES144F-C0 Datasheet HTML 1Page - PANDUIT CORP. GES144F-C0 Datasheet HTML 2Page - PANDUIT CORP. GES144F-C0 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
mm
In.
mm
In.
mm
In.
Std.
Pkg.
Qty.‡
Temperature
Range
Color
Material
Panel Thickness Range
Height
B
Width
A
Part Number
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Grommet Edging (continued)
‡Reel packaging may contain splices. Contact Panduit Customer Service for further information.
Table continues on page C3.10
Solid – Use on straight edges only
GES36F-C
0.11
2.7
0.12
3.0
0.026 – 0.036
0.7 – 0.9
Polyethylene
Natural
-40°F – 122°F
(-40°C – 50°C)
1
GES36F-C0
0.11
2.7
0.12
3.0
0.026 – 0.036
0.7 – 0.9
Weather Resistant
Polyethylene
Black
1
GES62F-C
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Polyethylene
Natural
1
GES62F-C0
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Weather Resistant
Polyethylene
Black
1
GES99F-C
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Polyethylene
Natural
1
GES99F-C0
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Weather Resistant
Polyethylene
Black
1
GES144F-C
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Polyethylene
Natural
1
GES144F-C0
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Weather Resistant
Polyethylene
Black
1
GES189F-C
0.30
7.6
0.30
7.6
0.144 – 0.189
3.7 – 4.8
Polyethylene
Natural
1
GES189F-C0
0.30
7.6
0.30
7.6
0.144 – 0.189
3.7 – 4.8
Weather Resistant
Polyethylene
Natural
1
Slotted Adhesive Lined
GEE62F-A-C
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Polyethylene
Natural
-40°F – 122°F
(-40°C – 50°C)
1
GEE62F-A-C0
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Weather Resistant
Polyethylene
Black
1
GEE99F-A-C
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Polyethylene
Natural
1
GEE99F-A-C0
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Weather Resistant
Polyethylene
Black
1
GEE144F-A-C
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Polyethylene
Natural
1
GEE144F-A-C0
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Weather Resistant
Polyethylene
Black
1
Solid Adhesive Lined – Use on straight edges only
GES62F-A-C
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Polyethylene
Natural
-40°F – 122°F
(-40°C – 50°C)
1
GES62F-A-C0
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Weather Resistant
Polyethylene
Black
1
GES99F-A-C
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Polyethylene
Natural
1
GES99F-A-C0
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Weather Resistant
Polyethylene
Black
1
GES144F-A-C
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Polyethylene
Natural
1
GES144F-A-C0
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Weather Resistant
Polyethylene
Black
1
Slotted Flame Retardant
GEE36FR-CY
0.11
2.7
0.12
3.0
0.026 – 0.036
0.7 – 0.9
Flame Retardant
Polyethylene
Natural
-4°F – 167°F
(-20°C – 75°C)
1
GEE62FR-CY
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Flame Retardant
Polyethylene
Natural
1
GEE99FR-CY
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Flame Retardant
Polyethylene
Natural
1
GEE144FR-CY
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Flame Retardant
Polyethylene
Natural
1


Similar Part No. - GES144F-C0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
GES144F-C0 PANDUIT-GES144F-C0 Datasheet
104Kb / 3P
   Use slotted product on irregularly shaped and round panel holes, Grommet Edging
More results

Similar Description - GES144F-C0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
GEE36F-C PANDUIT-GEE36F-C Datasheet
104Kb / 3P
   Use slotted product on irregularly shaped and round panel holes, Grommet Edging
logo
3M Electronics
8411 3M-8411 Datasheet
13Kb / 2P
   Edging and Reinforcing Tape
logo
Richco, Inc.
SG8-250-81 RICHCO-SG8-250-81 Datasheet
37Kb / 1P
   SCREW GROMMET
EG-0-01 RICHCO-EG-0-01 Datasheet
49Kb / 1P
   EXPANSION GROMMET
logo
PHOENIX CONTACT
1686601 PHOENIX-1686601 Datasheet
46Kb / 3P
   Grommet - HC-DR-PG29
1686795 PHOENIX-1686795 Datasheet
46Kb / 3P
   Grommet - HC-DR-PG11
1686575 PHOENIX-1686575 Datasheet
48Kb / 2P
   Grommet - HC-DR-PG13
logo
Richco, Inc.
SRSG6-04-01 RICHCO-SRSG6-04-01 Datasheet
39Kb / 1P
   SELF RETAINING SCREW GROMMET
logo
PHOENIX CONTACT
1686588 PHOENIX-1686588 Datasheet
46Kb / 3P
   Grommet - HC-DR-PG16
1686591 PHOENIX-1686591 Datasheet
48Kb / 2P
   Grommet - HC-DR-PG21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com