Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78002BA Datasheet(PDF) 11 Page - NEC

Part # UPD78002BA
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78002BA Datasheet(HTML) 11 Page - NEC

Back Button UPD78002BA Datasheet HTML 7Page - NEC UPD78002BA Datasheet HTML 8Page - NEC UPD78002BA Datasheet HTML 9Page - NEC UPD78002BA Datasheet HTML 10Page - NEC UPD78002BA Datasheet HTML 11Page - NEC UPD78002BA Datasheet HTML 12Page - NEC UPD78002BA Datasheet HTML 13Page - NEC UPD78002BA Datasheet HTML 14Page - NEC UPD78002BA Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
11
µPD78001B(A), 78002B(A)
A8 to A15
RD
WR
WAIT
ASTB
Input/
output
Port 5
8-bit input/output port.
LED can be driven directly.
Input/output can be specified bit-wise.
When used as an input port, pull-up resistor can be used by software.
P50 to P57
P60
P61
P62
P63
P64
P65
P66
P67
Input/
output
Port 6
8-bit input/output port.
Input/output can be specified
bit-wise.
When used as an input port, pull-up
resistor can be used by software.
N-ch open-drain input/output port. On-
chip pull-up resistor can be specified by
mask option.
LED can be driven directly.
Pin Name
I/O
Function
After
Reset
3.1
PORT PINS (2/2)
Dual-
Function Pin
Input
Input
Caution
When pull-up resistors are not used (specified by mask option), the low-level input leak current
increases with -200
µA (MAX.) under either of the following conditions.
1 When the external device expansion function is used and a low-level is input to the pin.
2 During the 3-clock period when a read instruction is executed on port 6 (P6) and the port mode
register (PM6).


Similar Part No. - UPD78002BA

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78002 NEC-UPD78002 Datasheet
552Kb / 58P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78002 NEC-UPD78002 Datasheet
1Mb / 26P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78002 NEC-UPD78002 Datasheet
214Kb / 42P
   8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD78002 RENESAS-UPD78002 Datasheet
410Kb / 58P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780021 RENESAS-UPD780021 Datasheet
515Kb / 66P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD78002BA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com