Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NK6PP48P Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # NK6PP48P
Description  Meets all TIA/EIA-568-C.2 Category 6 and ISO 11801
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NK6PP48P Datasheet(HTML) 1 Page - PANDUIT CORP.

  NK6PP48P Datasheet HTML 1Page - PANDUIT CORP. NK6PP48P Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NetKey ® Category 6 Patch Cords
DA T A SHEET
www.panduit.com
Category 6/Class E
Meets all TIA/EIA-568-C.2 Category 6 and ISO 11801
channel performance:
2nd Edition Class E channel requirements at
frequencies up to 250 MHz
FCC compliance:
Meets ANSI/TIA-968-A; contacts plated with 50
microinches of gold
IEC compliance:
Meets IEC 60603-7
PoE compliance:
Meets requirements of IEEE 802.3af and IEEE 802.3at for
PoE applications
UL rated:
UL 1863 approved
RoHS compliance:
Compliant
key features and benefits
applications
technical information
Category 6/Class E patch cords are
constructed of UTP 24 AWG stranded copper
cable and a modular plug at each end. Patch
cords are used in all work area outlets and
patch panels. Patch cords are wired to be
compatible with both T568A and T568B
wiring schemes.
100% performance tested
Confidence that each patch cord delivers
specified performance
Patented tangle free latch
Prevents snags and provides easy release
Slender strain relief boot
Provides easy access in high-density applications
Identification
Provides identification of performance level, length, and
quality control number for future traceability
Variety of colors and
Meets individual length and color-coding requirements
lengths available
Applications include:
• Ethernet 10BASE-T, 100BASE-T (Fast Ethernet), and 1000BASE-T (Gigabit Ethernet)
• 155 Mb/s ATM, 622 Mb/s ATM, 1.2 Gb/s ATM
• Token Ring 4/16
• Voice over internet protocol (VoIP)
NetKey ® Category 6 Patch Cords
Foot lengths:
NK6PC3*Y
Meter lengths:
NK6PC1M^Y
NetKey ® Category 6 Jack Modules
Module:
NK688M**
Convenience
pack of
25 modules:
NK688M**-Q
NetKey ® Category 6 Punchdown
Patch Panels
12-port:
NK6PPG12WY
24-port, 1 RU:
NK6PP24P
48-port, 2 RU:
NK6PP48P
*For standard lengths other than 3 feet (5, 7,
10, 14 or 20) change the length designation in
part number to the desired length. For standard
cable colors other than Off White, add suffix
BU (Blue), GR (Green), RD (Red), or
YL (Yellow) before the Y at the end of the part
number. For example, the part number for a
blue 5 foot patch cord is NK6PC5BUY.
^For standard lengths other than 1 meter (2, 3,
4 or 5) change the length designation in part
number to the desired length. For standard
cable colors other than Off White, add suffix
BU (Blue), GR (Green), RD (Red), or
YL (Yellow) before the Y at the end of the part
number. For example, the part number for a
blue 5 meter patch cord is NK6PC5MBUY.
**To designate a color, add suffix IW (Off White),
EI (Electric Ivory), IG (Int'l Gray), WH (White),
BL (Black), OR (Orange), RD (Red), BU (Blue),
GR (Green), or YL (Yellow).
NetKey ® Network Components


Similar Part No. - NK6PP48P

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
NK6PP48P PANDUIT-NK6PP48P Datasheet
1Mb / 2P
   NetKey짰 Category 6 Punchdown Patch Panels
More results

Similar Description - NK6PP48P

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3232EEY-L EXAR-SP3232EEY-L Datasheet
1Mb / 23P
   Meets true EIA/TIA-232-F Standards
logo
Intersil Corporation
ISL8563 INTERSIL-ISL8563 Datasheet
247Kb / 10P
   3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
logo
Analog Devices
ADM485ARZ AD-ADM485ARZ Datasheet
607Kb / 16P
   Meets EIA RS-485 standard
Rev. F
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
logo
Linear Technology
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
List of Unclassifed Man...
RC20GF621J ETC2-RC20GF621J Datasheet
189Kb / 2P
   Meets performance standards of EIA RS-172
logo
TT Electronics.
IBT TTELEC-IBT Datasheet
333Kb / 3P
   Meets performance standards of EIA RS-172
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com