Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BLP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847BLP
Description  45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BLP Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847BLP_15 Datasheet HTML 1Page - Diodes Incorporated BC847BLP_15 Datasheet HTML 2Page - Diodes Incorporated BC847BLP_15 Datasheet HTML 3Page - Diodes Incorporated BC847BLP_15 Datasheet HTML 4Page - Diodes Incorporated BC847BLP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC847BLP
Document number: DS30525 Rev. 12 - 2
2 of 5
www.diodes.com
May 2015
© Diodes Incorporated
BC847BLP
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
100
mA
Peak Pulse Collector Current
ICM
200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
400
mW
(Note 6)
1,000
Thermal Resistance, Junction to Ambient
(Note 5)
RJA
310
C/W
(Note 6)
120
Thermal Resistance, Junction to Lead
(Note 7)
RJL
120
°C/W
Operating and Storage and Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
200
V
B
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 100µA, IB = 0
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
45
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
6
V
IE = 100µA, IC = 0
DC Current Gain
hFE
200
350
450
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
80
200
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage (Note 9)
VBE(sat)
700
900
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage (Note 9)
VBE(ON)
580
640
725
700
770
mV
VCE = 5.0V, IC = 2.0mA
VCE = 5.0V, IC = 10mA
Collector-Cutoff Current
ICBO
15
5.0
nA
µA
VCB = 30V
VCB = 30V, TA = +150°C
Gain Bandwidth Product
fT
100
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
3.0
pF
VCB = 10V, f = 1.0MHz
Notes:
5. For the device mounted on minimum recommended pad layout 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured under still air
conditions whilst operating in steady state condition. The entire exposed collector pad is attached to the heatsink.
6. Same as Note 5, except the exposed collector pad is mounted on 25mm x 25mm 2oz copper.
7. Thermal resistance from junction to solder-point (on the exposed collector pad).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
9. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.


Similar Part No. - BC847BLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP_1 Datasheet
134Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BLP DIODES-BC847BLP_11 Datasheet
135Kb / 5P
   45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - BC847BLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
BC857BLP4 DIODES-BC857BLP4_15 Datasheet
240Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
BC857BLP DIODES-BC857BLP_15 Datasheet
386Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
2DC4617QLP DIODES-2DC4617QLP_15 Datasheet
352Kb / 5P
   50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
MMBT3904LP DIODES-MMBT3904LP_15 Datasheet
402Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
DN0150ALP4 DIODES-DN0150ALP4_15 Datasheet
294Kb / 5P
   50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com