Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-16W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC817-16W
Description  45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC817-16W Datasheet(HTML) 2 Page - Diodes Incorporated

  BC817-16W_15 Datasheet HTML 1Page - Diodes Incorporated BC817-16W_15 Datasheet HTML 2Page - Diodes Incorporated BC817-16W_15 Datasheet HTML 3Page - Diodes Incorporated BC817-16W_15 Datasheet HTML 4Page - Diodes Incorporated BC817-16W_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC817-16W/-25W/-40W
Document Number: DS30575 Rev. 5 - 2
2 of 5
www.diodes.com
Jan 2014
© Diodes Incorporated
BC817-16W/-25W/-40W
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
IC
500
mA
Peak Collector Current
ICM
1.0
A
Peak Base Current
IBM
200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
200
mW
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-65 to +150
°C
ESD Ratings (Note 6)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Emitter Breakdown Voltage (Note 7)
BVCEO
45
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
5
V
IC = 100µA
Collector-Emitter Cutoff Current
ICES
100
5.0
nA
µA
VCE = 45V
VCE = 25V, TJ = +150°C
Collector-Base Cutoff Current
ICBO
100
5.0
nA
µA
VCE = 20V
VCE = 20V, TJ = +150°C
Emitter-Base Cutoff Current
IEBO
100
nA
VEB = 5V
DC Current Gain (Note 7)
BC817-16W
BC817-25W
BC817-40W
hFE
100
160
250
250
400
600
IC = 100mA, VCE = 1.0V
BC817-16W
BC817-25W
BC817-40W
60
100
170
IC = 300mA, VCE = 1.0V
Collector-Emitter Saturation Voltage (Note 7)
VCE(SAT)
700
mV
IC = 500mA, IB = 50mA
Base-Emitter Voltage (Note 7)
VBE
1200
mV
IC = 300mA, VCE = 1.0V
Gain Bandwidth Product
fT
100
MHz
VCE = 5.0V, IC = 10mA,
f = 50MHz
Collector-Base Capacitance
CCBO
12
pF
VCB = 10V, f = 1.0MHz
Notes:
5. For a device mounted on minimum recommended pad layout 1oz copper that is on a single-sided FR4 PCB; device is measured under still air
conditions whilst operating in a steady-state.
6. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
7. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.


Similar Part No. - BC817-16W_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16WT1 LRC-BC817-16WT1 Datasheet
128Kb / 2P
   General Purpose Transistors NPN Silicon
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W_14 Datasheet
158Kb / 6P
   200mW, PNP Small Signal Transistor
More results

Similar Description - BC817-16W_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
AC817-40Q DIODES-AC817-40Q Datasheet
431Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
August 2017 Rev. 1 - 2
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com