Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLP6C-RKW Datasheet(PDF) 7 Page - Marktech Corporate

Part # CLP6C-RKW
Description  PLCC6 3-in-1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLP6C-RKW Datasheet(HTML) 7 Page - Marktech Corporate

  CLP6C-RKW_15 Datasheet HTML 1Page - Marktech Corporate CLP6C-RKW_15 Datasheet HTML 2Page - Marktech Corporate CLP6C-RKW_15 Datasheet HTML 3Page - Marktech Corporate CLP6C-RKW_15 Datasheet HTML 4Page - Marktech Corporate CLP6C-RKW_15 Datasheet HTML 5Page - Marktech Corporate CLP6C-RKW_15 Datasheet HTML 6Page - Marktech Corporate CLP6C-RKW_15 Datasheet HTML 7Page - Marktech Corporate CLP6C-RKW_15 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
CLD-CT1183.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Kit Number System
CreeLEDlampsaretestedandsortedintoperformancebins.Abinisspecifiedbyrangesofcolor,forwardvoltage,
and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED
Lamp Packaging Standard” document for more information about shipping and packaging options.
CreeLEDsaresoldbyordercodesincombinationsofbinscalledkits.Ordercodesareconfiguredinthefollowing
manner:


Similar Part No. - CLP6C-RKW_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6C-RKW-CYBA0AA3 CREE-CLP6C-RKW-CYBA0AA3 Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW-CYbA0AA3 MARKTECH-CLP6C-RKW-CYbA0AA3 Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
logo
Cree, Inc
CLP6C-RKW-CZ0A0AA3 CREE-CLP6C-RKW-CZ0A0AA3 Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW-CZ0A0AA3 MARKTECH-CLP6C-RKW-CZ0A0AA3 Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
More results

Similar Description - CLP6C-RKW_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
   PLCC6 3 in 1 SMD LED
CLV6D-FKB CREE-CLV6D-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com