Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM3A Datasheet(PDF) 6 Page - Marktech Corporate

Part # CLM3A
Description  PLCC2 1-in-1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM3A Datasheet(HTML) 6 Page - Marktech Corporate

Back Button CLM3A_15 Datasheet HTML 2Page - Marktech Corporate CLM3A_15 Datasheet HTML 3Page - Marktech Corporate CLM3A_15 Datasheet HTML 4Page - Marktech Corporate CLM3A_15 Datasheet HTML 5Page - Marktech Corporate CLM3A_15 Datasheet HTML 6Page - Marktech Corporate CLM3A_15 Datasheet HTML 7Page - Marktech Corporate CLM3A_15 Datasheet HTML 8Page - Marktech Corporate CLM3A_15 Datasheet HTML 9Page - Marktech Corporate CLM3A_15 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
CLD-CT1041.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Min.
Max.
Cool White
CLM3A-WKW-CWaXa153
120
1120
2240
W1,W2,W3,W4,W5
Cool White
CLM3A-WKW-CWaXa453
120
1120
2240
W4,W5
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Min.
Max.
Warm White
CLM3A-MKW-CVbXa133
120
900
2240
M1,M2,M3
Warm White
CLM3A-MKW-CVbXa233
120
900
2240
M2,M3
Warm White
CLM3A-MKW-CVbXa513
120
900
2240
W5,M1
Warm White
CLM3A-MKW-CWaXa233
120
1120
2240
M2,M3
Warm White
CLM3A-MKW-CWaXa513
120
1120
2240
W5,M1
Notes:
The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-bin
codes will not be orderable.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLM3A_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3A-BKW CREE-CLM3A-BKW Datasheet
840Kb / 8P
   Cree PLCC2 1 in 1 SMD LED
CLM3A-BKW-CTbVa463 CREE-CLM3A-BKW-CTbVa463 Datasheet
840Kb / 8P
   Cree PLCC2 1 in 1 SMD LED
CLM3A-BKW-CUaVa453 CREE-CLM3A-BKW-CUaVa453 Datasheet
840Kb / 8P
   Cree PLCC2 1 in 1 SMD LED
CLM3A-GKW CREE-CLM3A-GKW Datasheet
840Kb / 8P
   Cree PLCC2 1 in 1 SMD LED
CLM3A-GKW-CWaXa783 CREE-CLM3A-GKW-CWaXa783 Datasheet
840Kb / 8P
   Cree PLCC2 1 in 1 SMD LED
More results

Similar Description - CLM3A_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
   PLCC2 1-in-1 SMD LED
CLM1S-WKW CREE-CLM1S-WKW Datasheet
527Kb / 9P
   PLCC2 1-in-1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW_15 Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
CLM3C MARKTECH-CLM3C_15 Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com