Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2DC4617QLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DC4617QLP
Description  50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DC4617QLP Datasheet(HTML) 1 Page - Diodes Incorporated

  2DC4617QLP_15 Datasheet HTML 1Page - Diodes Incorporated 2DC4617QLP_15 Datasheet HTML 2Page - Diodes Incorporated 2DC4617QLP_15 Datasheet HTML 3Page - Diodes Incorporated 2DC4617QLP_15 Datasheet HTML 4Page - Diodes Incorporated 2DC4617QLP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2DC4617QLP
Document number: DS31439 Rev. 5 - 2
1 of 5
www.diodes.com
May 2015
© Diodes Incorporated
2DC4617QLP
50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Features
BVCEO > 50V
IC = 100mA High Collector Current
PD = 1000mW Power Dissipation
0.60mm
2 Package Footprint, 13 times Smaller than SOT23
0.5mm Height Package Minimizing Off-Board Profile
Complementary PNP Type 2DA1774QLP
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free, "Green" Device (Note 3)
Qualified to AEC-Q101Standards for High Reliability
Mechanical Data
Case: X1-DFN1006-3
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 NiPdAu.
Solderable per MIL-STD-202, Method 208
Weight: 0.0009 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
2DC4617QLP-7
8D
7
8
3,000
2DC4617QLP-7B
8D
7
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at
http”//www.diodes.com/products/packages.html.
Marking Information
Top View
Device Schematic
Bottom View
X1-DFN1006-3
Device Symbol
C
E
B
C
E
B
e4
8D = Product Type Marking Code
2DC4617QLP-7
2DC4617QLP-7B
Top View
Bar Denotes Base and Emitter Side
Top View
Dot Denotes Collector Side
From date code 1527 (YYWW),
this changes to:
Top View
Bar Denotes Base and Emitter Side


Similar Part No. - 2DC4617QLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DC4617QLP DIODES-2DC4617QLP_11 Datasheet
136Kb / 5P
   50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - 2DC4617QLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DN0150ALP4 DIODES-DN0150ALP4_15 Datasheet
294Kb / 5P
   50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
DP0150ALP4 DIODES-DP0150ALP4_15 Datasheet
290Kb / 5P
   50V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
BC847BLP DIODES-BC847BLP_15 Datasheet
290Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
MMBT3904LP DIODES-MMBT3904LP_15 Datasheet
402Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
BC857BLP4 DIODES-BC857BLP4_15 Datasheet
240Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
BC857BLP DIODES-BC857BLP_15 Datasheet
386Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
2DA1774QLP DIODES-2DA1774QLP_15 Datasheet
355Kb / 5P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
MMBT3906LP DIODES-MMBT3906LP_15 Datasheet
409Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
2DC4617SQ DIODES-2DC4617SQ Datasheet
405Kb / 7P
   50V NPN SMALL SIGNAL TRANSISTOR IN SOT523
November 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com