Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2DB1386Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DB1386Q
Description  20V PNP MEDIUM POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1386Q Datasheet(HTML) 2 Page - Diodes Incorporated

  2DB1386Q_15 Datasheet HTML 1Page - Diodes Incorporated 2DB1386Q_15 Datasheet HTML 2Page - Diodes Incorporated 2DB1386Q_15 Datasheet HTML 3Page - Diodes Incorporated 2DB1386Q_15 Datasheet HTML 4Page - Diodes Incorporated 2DB1386Q_15 Datasheet HTML 5Page - Diodes Incorporated 2DB1386Q_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2DB1386Q/R
Document number: DS31147 Rev. 7 - 2
2 of 6
www.diodes.com
February 2013
© Diodes Incorporated
2DB1386Q/R
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-6
V
Continuous Collector Current
IC
-5
A
Peak Pulse Current
ICM
-10
A
Base Current
IB
-500
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
1
W
Thermal Resistance, Junction to Ambient Air (Note 5)
RJA
125
°C/W
Thermal Resistance, Junction to Leads (Note 6)
RθJL
19
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. For a device surface mounted on 15mm x 15mm x 0.6mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; the device is
measured when operating in steady state condition.
6. Thermal resistance from junction to solder-point (on the exposed collector pad).
Thermal Characteristics and Derating Information
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
120
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse. T
amb=25°C
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - 2DB1386Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1386Q-13 DIODES-2DB1386Q-13 Datasheet
230Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
2DB1386Q-13 DIODES-2DB1386Q-13 Datasheet
158Kb / 5P
   PNP SURFACE MOUNT TRANSISTOR
2DB1386Q DIODES-2DB1386Q_11 Datasheet
158Kb / 5P
   PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - 2DB1386Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCX6925 DIODES-BCX6925 Datasheet
627Kb / 4P
   20V PNP MEDIUM POWER TRANSISTOR IN SOT89
January 2022 Rev. 3 - 2
BCX6825Q DIODES-BCX6825Q Datasheet
780Kb / 6P
   20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
   40V PNP medium power transistor in SOT89
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
   100V PNP medium power transistor in SOT89
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
BSR33 DIODES-BSR33_15 Datasheet
294Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
FCX591 DIODES-FCX591_15 Datasheet
437Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT89
FCX593 DIODES-FCX593_15 Datasheet
453Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT89
2DB1188P DIODES-2DB1188P_15 Datasheet
287Kb / 7P
   32V PNP MEDIUM POWER TRANSISTOR IN SOT89
ZXTP19100CZ DIODES-ZXTP19100CZ_15 Datasheet
464Kb / 8P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com