Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC693C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC693C
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC693C Datasheet(HTML) 1 Page - Linear Technology

  LTC693C Datasheet HTML 1Page - Linear Technology LTC693C Datasheet HTML 2Page - Linear Technology LTC693C Datasheet HTML 3Page - Linear Technology LTC693C Datasheet HTML 4Page - Linear Technology LTC693C Datasheet HTML 5Page - Linear Technology LTC693C Datasheet HTML 6Page - Linear Technology LTC693C Datasheet HTML 7Page - Linear Technology LTC693C Datasheet HTML 8Page - Linear Technology LTC693C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC692/LTC693
®
s
UL Recognized
s
Guaranteed Reset Assertion at VCC = 1V
s
1.5mA Maximum Supply Current
s
Fast (35ns Max.) On-Board Gating of RAM Chip
Enable Signals
s
SO8 and SO16 Packaging
s
4.40V Precision Voltage Monitor
s
Power OK/Reset Time Delay:
200ms or Adjustable
s
Minimum External Component Count
s
1
µA Maximum Standby Current
s
Voltage Monitor for Power Fail or
Low Battery Warning
s
Thermal Limiting
s
Performance Specified Over Temperature
s
Superior Upgrade for MAX690 Family
The LTC692/LTC693 provide complete power supply moni-
toring and battery control functions for microprocessor
reset, battery backup, CMOS RAM write protection, power
failure warning and watchdog timing. A precise internal
voltage reference and comparator circuit monitor the
power supply line. When an out-of-tolerance condition
occurs, the reset outputs are forced to active states and the
Chip Enable output unconditionally write-protects exter-
nal memory. In addition, the RESET output is guaranteed
to remain logic low even with VCC as low as 1V.
The LTC692/LTC693 power the active CMOS RAMs with a
charge pumped NMOS power switch to achieve low drop-
out and low supply current. When primary power is lost,
auxiliary power, connected to the battery input pin, powers
the RAMs in standby through an efficient PMOS switch.
For an early warning of impending power failure, the
LTC692/LTC963 provide an internal comparator with a
user-defined threshold. An internal watchdog timer is
also available, which forces the reset pins to active states
when the watchdog input is not toggled prior to a preset
time-out period.
DESCRIPTIO
S
FEATURE
APPLICATI
TYPICAL
RESET Output Voltage vs
Supply Voltage
+
+
ADJ
VIN
VOUT
10
µF
VIN ≥ 7.5V
5V
100
µF
0.1
µF
µP NMI
µP
POWER
POWER TO
CMOS RAM
I/O LINE
µP RESET
µP
SYSTEM
0.1µF
3V
51k
10k
LTC692/3 • TA01
LT1086-5
MICROPROCESSOR RESET, BATTERY BACKUP, POWER FAILURE
WARNING AND WATCHDOG TIMING ARE ALL IN A SINGLE CHIP
FOR MICROPROCESSOR SYSTEMS.
LTC692
LTC693
VBATT
PFI
WDI
RESET
PFO
VOUT
VCC
GND
0.1
µF
100
Microprocessor
Supervisory Circuits
SUPPLY VOLTAGE (V)
0
3
4
5
4
2
1
0
1
2
3
5
TA = 25°C
EXTERNAL PULL-UP = 10µA
VBATT = 0V
LTC692/3 • TA02
®
S
APPLICATI
s
Critical
µP Power Monitoring
s
Intelligent Instruments
s
Battery-Powered Computers and Controllers
s
Automotive Systems


Similar Part No. - LTC693C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC693CN-PBF LINER-LTC693CN-PBF Datasheet
197Kb / 20P
   Microprocessor Supervisory Circuits
LTC693CN-TRPBF LINER-LTC693CN-TRPBF Datasheet
197Kb / 20P
   Microprocessor Supervisory Circuits
LTC693CS-PBF LINER-LTC693CS-PBF Datasheet
197Kb / 20P
   Microprocessor Supervisory Circuits
LTC693CS-TRPBF LINER-LTC693CS-TRPBF Datasheet
197Kb / 20P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC693C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com