Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD77112 Datasheet(PDF) 5 Page - NEC

Part # UPD77112
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112 Datasheet(HTML) 5 Page - NEC

  UPD77112 Datasheet HTML 1Page - NEC UPD77112 Datasheet HTML 2Page - NEC UPD77112 Datasheet HTML 3Page - NEC UPD77112 Datasheet HTML 4Page - NEC UPD77112 Datasheet HTML 5Page - NEC UPD77112 Datasheet HTML 6Page - NEC UPD77112 Datasheet HTML 7Page - NEC UPD77112 Datasheet HTML 8Page - NEC UPD77112 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
Item
PD77016
µµ
µ
µµ
µ
µ
PD77019
PD77018A
PD77019-013
PD77111
PD77112
µµ
PD77113
PD77114
Memory space
(words
× bits)
Instruction cycle (at maximum speed)
Multiple
Serial interface (two channels)
Supply voltage
Package
Internal instruction RAM
Internal instruction ROM
Data RAM
(X/Y memory)
Data ROM
(X/Y memory)
External data memory
(X/Y memory)
External instruction
memory
1.5K
× 32
256
× 32
4K
× 32
1K
× 32
24K
× 32
None
None
31.75K
× 32
2K
× 16 each
3K
× 16 each
3K
× 16 each
None
12K
× 16 each
16K
× 16 each
48K
× 32
5 V
3 V
DSP core: 2.5 V
I/O pins : 3 V
160-pin QFP
None
48K
× 16 each
16K
× 16 each
None
16K
× 16 each
30 ns (33 MHz)
100-pin TQFP
80-pin TQFP
80-pin FBGA
100-pin TQFP
100-pin TQFP
116-pin BGA
×1, 2, 3, 4, 8 (mask option)
Fixed to
×4
Integer of
×1 to 16 (mask option)
16.6 ns (60 MHz)
13.3 ns (75 MHz)
Channels 1 and 2
have same function.
Channel 1 has same function as
PD77016. Channel 2 does not have SORQ2 and SIAK2 pins (for connection of codec).
µPD77110
35.5K
× 32
24K
× 16 each
32K
× 16 each
15.3 ns (65 MHz)
Integer of
×1 to 8
(external pin)
None
3.5K
× 32
48K
× 32
16K
× 16 each
32K
× 16 each
None
8K
× 16 each
80-pin FBGA
100-pin TQFP
DSP FUNCTION LIST


Similar Part No. - UPD77112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD77112GC-XXX-9EU RENESAS-UPD77112GC-XXX-9EU Datasheet
598Kb / 82P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD77112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com