Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM680P06DPQ56RLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM680P06DPQ56RLG
Description  Dual P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM680P06DPQ56RLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM680P06DPQ56RLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM680P06DPQ56RLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM680P06DPQ56RLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM680P06DPQ56RLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM680P06DPQ56RLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM680P06DPQ56RLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM680P06D
Taiwan Semiconductor
Document Number:DS_P0000162
2
Version: A15
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
(Note 4)
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
BVDSS
-60
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = -250µA
VGS(TH)
-1.2
-1.6
-2.5
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = -60V, VGS = 0V
IDSS
--
--
-1
µA
VDS = -48V, Tc = 125ºC
--
--
-10
Drain-Source On-State Resistance
VGS = -10V, ID = -6A
RDS(on)
--
54
68
m
Ω
VGS = -4.5V, ID = -3A
--
90
110
Forward Transconductance
VDS = -10V, ID = -6A
gfs
--
8.5
--
S
Dynamic
(Note 5)
Total Gate Charge
VDS = -30V, ID = -6A,
VGS = -10V
Qg
--
16.4
--
nC
Gate-Source Charge
Qgs
--
2.8
--
Gate-Drain Charge
Qgd
--
3.6
--
Input Capacitance
VDS = -30V, VGS = 0V,
f = 1.0MHz
Ciss
--
870
--
pF
Output Capacitance
Coss
--
70
--
Reverse Transfer Capacitance
Crss
--
42
--
Switching
(Note 6)
Turn-On Delay Time
VDD = -30V, ID = -1A,
RGEN =6Ω
td(on)
--
8.3
--
ns
Turn-On Rise Time
tr
--
42.4
--
Turn-Off Delay Time
td(off)
--
64.6
--
Turn-Off Fall Time
tf
--
16.4
--
Source-Drain Diode
(Note 4)
Maximum Continuous Drain-Source
Diode Forward Current
Integral reverse diode
in the MOSFET
IS
--
--
-12
A
Maximum Pulse Drain-Source
Diode Forward Current
ISM
--
--
-48
A
Diode-Source Forward Voltage
VGS = 0V, IS = -1A
VSD
--
--
-1
V
Notes:
1.
Current limited by package
2.
Pulse width limited by the maximum junction temperature
3.
L = 0.1mH, IAS = -12A, VDD = -25V, RG = 25Ω, Starting TJ = 25
oC
4.
Pulse test: PW
≤ 300µs, duty cycle ≤ 2%
5.
For DESIGN AID ONLY, not subject to production testing.
6.
Switching time is essentially independent of operating temperature.


Similar Part No. - TSM680P06DPQ56RLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM680P06 TSC-TSM680P06 Datasheet
604Kb / 10P
   P-Channel Power MOSFET
TSM680P06CHC5G TSC-TSM680P06CHC5G Datasheet
604Kb / 10P
   P-Channel Power MOSFET
TSM680P06CIC0G TSC-TSM680P06CIC0G Datasheet
604Kb / 10P
   P-Channel Power MOSFET
TSM680P06CPROG TSC-TSM680P06CPROG Datasheet
604Kb / 10P
   P-Channel Power MOSFET
TSM680P06CZC0G TSC-TSM680P06CZC0G Datasheet
604Kb / 10P
   P-Channel Power MOSFET
More results

Similar Description - TSM680P06DPQ56RLG

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
ELM Electronics
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
   Dual P-channel MOSFET
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
   Dual P-channel MOSFET
logo
ELM Technology Corporat...
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
   Dual P-channel MOSFET
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
   Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
   Dual P-Channel MOSFET
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4805 UMW-AO4805 Datasheet
508Kb / 6P
   Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com