Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM500P02CXRFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM500P02CXRFG
Description  20V P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM500P02CXRFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM500P02CXRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM500P02CXRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM500P02CXRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM500P02CXRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM500P02CXRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSM500P02CX
20V P-Channel Power MOSFET
2/5
Version: A14
Electrical Specifications (T
C = 25°C unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
BVDSS
-20
--
--
V
Drain-Source On-State Resistance
VGS = -4.5V, ID = -3A
RDS(ON)
--
42
50
m
Ω
VGS = -2.5V, ID = -2A
--
57
65
VGS = -1.8V, ID = -1A
--
75
85
Gate Threshold Voltage
VDS = VGS, ID = -250µA
VGS(TH)
-0.3
-0.6
-0.8
V
Zero Gate Voltage Drain Current
VDS = -20V, VGS = 0V
IDSS
--
--
-1
µA
VDS = -16V, TJ = 125°C
--
--
-10
Gate Body Leakage
VGS = ±10V, VDS = 0V
IGSS
--
--
±100
nA
Forward Transconductance
(Note 2)
VDS = -10V, ID = -3A
gfs
--
7
--
S
Dynamic
Total Gate Charge
(Note 2,3)
VDS = -10V, ID = -3A,
VGS = -4.5V
Qg
--
9.6
--
nC
Gate-Source Charge
(Note 2,3)
Qgs
--
1.6
--
Gate-Drain Charge
(Note 2,3)
Qgd
--
2
--
Input Capacitance
VDS = -10V, VGS = 0V,
f = 1.0MHz
Ciss
--
850
--
pF
Output Capacitance
Coss
--
70
--
Reverse Transfer Capacitance
Crss
--
55
--
Switching
Turn-On Delay Time
(Note 2,3)
VDD = -10V, ID = -1A,
VGS = -4.5V, RGEN =25Ω
td(on)
--
6
--
ns
Turn-On Rise Time
(Note 2,3)
tr
--
21.6
--
Turn-Off Delay Time
(Note 2,3)
td(off)
--
51
--
Turn-Off Fall Time
(Note 2,3)
tf
--
13.8
--
Source-Drain Diode Ratings and Characteristic
Maximum Continuous Drain-Source
Diode Forward Current
Integral reverse diode in
the MOSFET
IS
--
--
-4.7
A
Maximum Pulse Drain-Source Diode
Forward Current
ISM
--
--
-18.8
A
Diode-Source Forward Voltage
VGS = 0V, IS = -1A
VSD
--
--
-1
V
Note:
1.
Pulse width limited by safe operating area
2.
Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%
3.
Switching time is essentially independent of operating temperature.


Similar Part No. - TSM500P02CXRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM500P02D TSC-TSM500P02D Datasheet
244Kb / 6P
   P-Channel Power MOSFET
TSM500P02DCQ TSC-TSM500P02DCQ Datasheet
515Kb / 5P
   20V Dual P-Channel MOSFET
TSM500P02DCQRFG TSC-TSM500P02DCQRFG Datasheet
515Kb / 5P
   20V Dual P-Channel MOSFET
More results

Similar Description - TSM500P02CXRFG

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT8307 ANALOGICTECH-AAT8307 Datasheet
168Kb / 6P
   20V P-Channel Power MOSFET
AAT8401 ANALOGICTECH-AAT8401 Datasheet
158Kb / 6P
   20V P-Channel Power MOSFET
AAT8515 ANALOGICTECH-AAT8515 Datasheet
79Kb / 6P
   20V P-Channel Power MOSFET
AAT8343 ANALOGICTECH-AAT8343_06 Datasheet
216Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1480WT1G LRC-LP1480WT1G Datasheet
489Kb / 5P
   -20V P-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM260P02CX6 TSC-TSM260P02CX6 Datasheet
327Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT8343 ANALOGICTECH-AAT8343 Datasheet
124Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1488WT1G LRC-LP1488WT1G Datasheet
439Kb / 3P
   -20V P-Channel Power Mosfet
logo
Union Semiconductor, In...
UM8516 UNIONSEMI-UM8516 Datasheet
275Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
207Kb / 6P
   20V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com