Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G8HD3131E Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # G8HD3131E
Description  Visible LED 3 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G8HD3131E Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  G8HD3131E Datasheet HTML 1Page - Roithner LaserTechnik GmbH G8HD3131E Datasheet HTML 2Page - Roithner LaserTechnik GmbH G8HD3131E Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
16.01.2015
G8HD3131E
3 of 3
4. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.
5. Heat Generation
The powered LEDs generate heat. Heat dissipation should be considered in the application
design to avoid the environmental conditions for operation in excess of the absolute
maximum ratings.


Similar Part No. - G8HD3131E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8H OMRON-G8H Datasheet
247Kb / 8P
   Micro ISO Automotive Relay
G8H-1A4T-R OMRON-G8H-1A4T-R Datasheet
247Kb / 8P
   Micro ISO Automotive Relay
G8H-1A7T-GR OMRON-G8H-1A7T-GR Datasheet
247Kb / 8P
   Micro ISO Automotive Relay
G8H-1C4T-R OMRON-G8H-1C4T-R Datasheet
247Kb / 8P
   Micro ISO Automotive Relay
G8H-1C4T-R-DC12 OMRON-G8H-1C4T-R-DC12 Datasheet
247Kb / 8P
   Micro ISO Automotive Relay G8H
More results

Similar Description - G8HD3131E

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
Y5CA5111P ROITHNER-Y5CA5111P Datasheet
248Kb / 4P
   Visible LED 5 mm
G58A5111P ROITHNER-G58A5111P Datasheet
242Kb / 4P
   Visible LED 5 mm
R5CA5111P ROITHNER-R5CA5111P Datasheet
248Kb / 4P
   Visible LED 5 mm
5RAA5111P ROITHNER-5RAA5111P Datasheet
135Kb / 3P
   Visible LED 5 mm
O5CA5111P ROITHNER-O5CA5111P Datasheet
282Kb / 4P
   Visible LED 5 mm
logo
Marktech Corporate
MT2010A-UG MARKTECH-MT2010A-UG Datasheet
207Kb / 2P
   Visible LED
logo
Roithner LaserTechnik G...
LED420 ROITHNER-LED420 Datasheet
1,018Kb / 8P
   Visible LED
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
   Visible LED
logo
Marktech Corporate
MTE6066N1 MARKTECH-MTE6066N1_15 Datasheet
645Kb / 4P
   Visible LED
logo
Roithner LaserTechnik G...
SMC565 ROITHNER-SMC565 Datasheet
230Kb / 2P
   Visible LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com