Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-1004WM2D-W2-3K Datasheet(PDF) 5 Page - Lucky Light Electronic

Part # LL-1004WM2D-W2-3K
Description  White LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-1004WM2D-W2-3K Datasheet(HTML) 5 Page - Lucky Light Electronic

  LL-1004WM2D-W2-3K_15 Datasheet HTML 1Page - Lucky Light Electronic LL-1004WM2D-W2-3K_15 Datasheet HTML 2Page - Lucky Light Electronic LL-1004WM2D-W2-3K_15 Datasheet HTML 3Page - Lucky Light Electronic LL-1004WM2D-W2-3K_15 Datasheet HTML 4Page - Lucky Light Electronic LL-1004WM2D-W2-3K_15 Datasheet HTML 5Page - Lucky Light Electronic LL-1004WM2D-W2-3K_15 Datasheet HTML 6Page - Lucky Light Electronic LL-1004WM2D-W2-3K_15 Datasheet HTML 7Page - Lucky Light Electronic LL-1004WM2D-W2-3K_15 Datasheet HTML 8Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Luckylight
Spec No.: B810 X285
Rev No.: V.2
Date: Jun/26/2006
Page: 5 OF 8
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
http://www.luckylight.cn
CIE 1931 Chromaticity Diagram
IF=20mA.Ta=25℃
Bin
code
x
y
Color(K)
Bin
code
x
y
Color(K)
B
0.255
0.247
20000
H
0.263
0.237
20000
C
0.268
0.270
16000
I
0.275
0.259
16000
D
0.281
0.293
10000
J
0.288
0.279
10000
E
0.294
0.315
8000
K
0.299
0.300
8000
F
0.307
0.339
7000
L
0.311
0.321
7000
G
0.320
0.361
6000
M
0.323
0.341
6000
Mcasurcmcnt unccrtainty of the color coordinats : ±0.01.


Similar Part No. - LL-1004WM2D-W2-3K_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-1004WM2D-W2-3K LUCKY-LIGHT-LL-1004WM2D-W2-3K Datasheet
231Kb / 8P
   10mm Round With Flange Type White LED Technical Data Sheet
LL-1004WM2D-W2-3K LUCKY-LIGHT-LL-1004WM2D-W2-3K Datasheet
231Kb / 8P
   White LED
More results

Similar Description - LL-1004WM2D-W2-3K_15

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
   WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
   WHITE LED
logo
Lucky Light Electronic
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
   White LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
   WHITE LED
NSPW500DS MARL-NSPW500DS Datasheet
420Kb / 15P
   WHITE LED
NSPW515DS MARL-NSPW515DS Datasheet
195Kb / 15P
   WHITE LED
logo
List of Unclassifed Man...
NFSW036T ETC-NFSW036T Datasheet
822Kb / 14P
   WHITE LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J_15 Datasheet
205Kb / 7P
   White LED
logo
NICHIA CORPORATION
NC2W170CT NICHIA-NC2W170CT Datasheet
296Kb / 19P
   WHITE LED
NESW146AT NICHIA-NESW146AT Datasheet
286Kb / 18P
   WHITE LED
NFSW757DT-V1M3 NICHIA-NFSW757DT-V1M3 Datasheet
272Kb / 18P
   WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com