Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2420C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2420C
Description  20-Bit uPower No Latency ADC in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2420C Datasheet HTML 3Page - Linear Technology LTC2420C Datasheet HTML 4Page - Linear Technology LTC2420C Datasheet HTML 5Page - Linear Technology LTC2420C Datasheet HTML 6Page - Linear Technology LTC2420C Datasheet HTML 7Page - Linear Technology LTC2420C Datasheet HTML 8Page - Linear Technology LTC2420C Datasheet HTML 9Page - Linear Technology LTC2420C Datasheet HTML 10Page - Linear Technology LTC2420C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC2420
APPLICATIO S I FOR ATIO
Figure 2. Output Data Timing
Table 2. LTC2420 Output Data Format
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
Bit 15
Bit 0
Input Voltage
EOC
DMY
SIG
EXR
MSB
LSB
VIN > 9/8 • VREF
0
0
1100
0
11...
1
9/8 • VREF
0
0
1100
0
11...
1
VREF + 1LSB
0
0
1100
0
00...
0
VREF
0
0
1011
1
11...
1
3/4VREF + 1LSB
0
0
1011
0
00...
0
3/4VREF
0
0
1010
1
11...
1
1/2VREF + 1LSB
0
0
1010
0
00...
0
1/2VREF
0
0
1001
1
11...
1
1/4VREF + 1LSB
0
0
1001
0
00...
0
1/4VREF
0
0
1000
1
11...
1
0+/0
0
0
1/0*
000
0
00...
0
–1LSB
0
0
0111
1
11...
1
–1/8 • VREF
0
0
0111
1
00...
0
VIN < –1/8 • VREF
0
0
0111
1
00...
0
*The sign bit changes state during the 0 code.
MSB
EXT
SIG
“0”
1
2
3
4
5
192024
BIT 0
BIT 19
BIT 4
LSB20
BIT 20
BIT 21
BIT 22
SDO
SCK
CS
EOC
BIT 23
SLEEP
DATA OUTPUT
CONVERSION
2420 F02
Hi-Z
Figure 3. Selectable 100 Samples/Second Turbo Mode
Figure 4. Total Error vs Output Rate (VREF = 5V)
FO
SCK
SDO
CS
VCC
VREF
VIN
GND
8
7
6
5
1
2
3
4
LTC2420
800Hz NOTCH (100 SAMPLES/SECOND)
60Hz NOTCH (7.5 SAMPLES/SECOND)
EXTERNAL 2.048MHz CLOCK SOURCE
INTERNAL 153.6kHz OSCILLATOR
2420 F03
OUTPUT RATE (SAMPLES/SEC)
0
96
128
160
12 BITS
13 BITS
14 BITS
16 BITS
2420 F04
64
32
0
50
100
192
224
256
VREF = 5V
150


Similar Part No. - LTC2420C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2420CS8 LINER-LTC2420CS8 Datasheet
395Kb / 36P
   20-Bit mPower No Latency DSTM ADC in SO-8
More results

Similar Description - LTC2420C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2400 LINER-LTC2400 Datasheet
455Kb / 40P
   24-Bit uPower No Latency ADC in SO-8
LTC2420 LINER-LTC2420_15 Datasheet
367Kb / 28P
   20-Bit mPower No Latency ADC in SO-8
LTC2420 LINER-LTC2420_09 Datasheet
395Kb / 36P
   20-Bit mPower No Latency DSTM ADC in SO-8
LTC2400 LINER-LTC2400_15 Datasheet
475Kb / 40P
   24-Bit Power No Latency ADC in SO-8
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2401 LINER-LTC2401 Datasheet
171Kb / 12P
   1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
LTC2421 LINER-LTC2421 Datasheet
368Kb / 32P
   1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com