Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-1004UVC2D-Q5 Datasheet(PDF) 4 Page - Lucky Light Electronic

Part # LL-1004UVC2D-Q5
Description  Purple LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-1004UVC2D-Q5 Datasheet(HTML) 4 Page - Lucky Light Electronic

  LL-1004UVC2D-Q5_15 Datasheet HTML 1Page - Lucky Light Electronic LL-1004UVC2D-Q5_15 Datasheet HTML 2Page - Lucky Light Electronic LL-1004UVC2D-Q5_15 Datasheet HTML 3Page - Lucky Light Electronic LL-1004UVC2D-Q5_15 Datasheet HTML 4Page - Lucky Light Electronic LL-1004UVC2D-Q5_15 Datasheet HTML 5Page - Lucky Light Electronic LL-1004UVC2D-Q5_15 Datasheet HTML 6Page - Lucky Light Electronic LL-1004UVC2D-Q5_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Luckylight
Spec No.: B810 X285
Rev No.: V.2
Date: Jun/26/2005
Page: 4 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Absolute Maximum Ratings at Ta=25℃
Parameters
Symbol
Max.
Unit
Power Dissipation
PD
100
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
IFP
100
mA
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-40℃ to +85℃
Storage Temperature Range
Tstg
-40℃ to +100℃
Lead Soldering Temperature
[4mm (.157″) From Body]
Tsld
260℃ for 5 Seconds
Electrical Optical Characteristics at Ta=25℃
Parameters
Symbol Min. Typ. Max.
Unit
Test Condition
Luminous Intensity
(Note 1)*
IV
90
140
---
mcd
IF=20mA
Viewing Angle*
1/2
---
20
---
Deg
(Note 2)
Peak Emission Wavelength
λp
---
395
---
nm
IF=20mA
Spectral Line Half-Width
λ
---
15
---
nm
IF=20A
Forward Voltage
VF
2.80
3.50
4.00
V
IF=20mA
Reverse Current
IR
---
---
10
µA
VR=5V
Notes:
1. Luminous Intensity Measurement allowance is ± 10%.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.


Similar Part No. - LL-1004UVC2D-Q5_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-1004UVC2D-Q5 LUCKY-LIGHT-LL-1004UVC2D-Q5 Datasheet
170Kb / 7P
   10mm Round With Flange Type Purple LED Technical Data Sheet
LL-1004UVC2D-Q5 LUCKY-LIGHT-LL-1004UVC2D-Q5 Datasheet
170Kb / 7P
   Purple LED
More results

Similar Description - LL-1004UVC2D-Q5_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-1004UVC2D-Q5 LUCKY-LIGHT-LL-1004UVC2D-Q5 Datasheet
170Kb / 7P
   Purple LED
logo
LUMEX INC.
SSL-LX5093VC LUMEX-SSL-LX5093VC Datasheet
55Kb / 1P
   T-5mm PURPLE LED
logo
P-tec Corporation
PL16B-WCP02 P-TEC-PL16B-WCP02 Datasheet
29Kb / 1P
   5mm (T1쩐) Purple LED
PL16C-WCP03 P-TEC-PL16C-WCP03 Datasheet
377Kb / 1P
   PL16 Series 5mm Purple LED
logo
NTE Electronics
NTE30121 NTE-NTE30121 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 5mm
NTE30123 NTE-NTE30123 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 8mm
NTE30124 NTE-NTE30124 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 10mm
NTE30120 NTE-NTE30120 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 3mm
logo
Lucky Light Electronic
LL-1004UVC2D-Q5 LUCKY-LIGHT-LL-1004UVC2D-Q5 Datasheet
170Kb / 7P
   10mm Round With Flange Type Purple LED Technical Data Sheet
logo
SparkFun Electronics
COM-14700 SPARKFUN-COM-14700 Datasheet
133Kb / 2P
   Bendable EL Wire - Purple 3m
7??6??8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com