Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2410C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2410C
Description  24-Bit No Latency ADC with Differential Input and Differential Reference
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2410C Datasheet HTML 3Page - Linear Technology LTC2410C Datasheet HTML 4Page - Linear Technology LTC2410C Datasheet HTML 5Page - Linear Technology LTC2410C Datasheet HTML 6Page - Linear Technology LTC2410C Datasheet HTML 7Page - Linear Technology LTC2410C Datasheet HTML 8Page - Linear Technology LTC2410C Datasheet HTML 9Page - Linear Technology LTC2410C Datasheet HTML 10Page - Linear Technology LTC2410C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LTC2410
7
TEST CIRCUITS
APPLICATIO S I FOR ATIO
FU CTIO AL BLOCK DIAGRA
Figure 1. LTC2410 State Transition Diagram
CONVERTER OPERATION
Converter Operation Cycle
The LTC2410 is a low power, delta-sigma analog-to-
digital converter with an easy to use 3-wire serial interface.
Its operation is made up of three states. The converter
operating cycle begins with the conversion, followed by
the low power sleep state and ends with the data output
(see Figure 1). The 3-wire interface consists of serial data
output (SDO), serial clock (SCK) and chip select (CS).
Initially, the LTC2410 performs a conversion. Once the
conversion is complete, the device enters the sleep state.
While in this sleep state, power consumption is reduced by
an order of magnitude. The part remains in the sleep state
as long as CS is HIGH. The conversion result is held
indefinitely in a static shift register while the converter is
in the sleep state.
AUTOCALIBRATION
AND CONTROL
DAC
DECIMATING FIR
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
ADC
GND
VCC
IN+
IN
SDO
SCK
REF+
REF
CS
FO
(INT/EXT)
2410 FD
–+
+
1.69k
SDO
2410 TA04
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC
1.69k
SDO
2410 TA03
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
CONVERT
SLEEP
DATA OUTPUT
2410 F01
TRUE
FALSE
CS = LOW
AND
SCK


Similar Part No. - LTC2410C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2410CGN LINER-LTC2410CGN Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
More results

Similar Description - LTC2410C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2411 LINER-LTC2411 Datasheet
489Kb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411 LINER-LTC2411_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com