Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM340N06CZC0G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM340N06CZC0G
Description  60V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM340N06CZC0G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM340N06CZC0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM340N06CZC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM340N06CZC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM340N06CZC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM340N06CZC0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM340N06CZC0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM340N06CZC0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM340N06CZC0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM340N06CZC0G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM340N06
60V N-Channel Power MOSFET
2/9
Version: D14
Thermal Performance
Parameter
Symbol
Limit
Unit
IPAK/DPAK ITO-220
TO-220
Thermal Resistance - Junction to Case
RӨJC
3.1
4.7
1.9
°
C/W
Thermal Resistance - Junction to Ambient
RӨJA
62
°
C/W
Electrical Specifications (T
C = 25℃ unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
60
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 15A
RDS(ON)
--
28
34
m
Ω
VGS = 4.5V, ID = 10A
--
33
40
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
1.2
1.7
2.5
V
Zero Gate Voltage Drain Current
VDS = 60V, VGS = 0V
IDSS
--
--
1
µA
VDS = 48V, TJ = 125°C
--
--
10
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Forward Transconductance
VDS = 10V, ID = 8A
gfs
--
8
--
S
Dynamic
Total Gate Charge
(Note 4,5)
VDS = 30V, ID = 20A,
VGS = 10V
Qg
--
16.6
--
nC
Gate-Source Charge
(Note 4,5)
Qgs
--
2.2
--
Gate-Drain Charge
(Note 4,5)
Qgd
--
3.9
--
Input Capacitance
VDS = 30V, VGS = 0V,
f = 1MHz
Ciss
--
1180
--
pF
Output Capacitance
Coss
--
68
--
Reverse Transfer Capacitance
Crss
--
45
--
Gate Resistance
VGS=0V, VDS=0V, f=1MHz
Rg
--
2.1
--
Ω
Switching
Turn-On Delay Time
(Note 4,5)
VDD=30V , VGS=10V ,
RG=6W, ID=-1A
td(on)
--
4.6
--
ns
Turn-On Rise Time
(Note 4,5)
tr
--
14.8
--
Turn-Off Delay Time
(Note 4,5)
td(off)
--
27.2
--
Turn-Off Fall Time
(Note 4,5)
tf
--
7.8
--
Source-Drain Diode Ratings and Characteristic
Continuous Drain-Source Diode
VG=VD=0V , Force Current
IS
--
--
25
A
Pulse Drain-Source Diode
ISM
--
--
100
A
Diode-Source Forward Voltage
VGS = 0V, IS = 1A
VSD
--
--
1
V
Reverse Recovery Time
(Note 4)
VGS = 0V, IS = 1A
dIF/dt = 100A/µs
trr
--
17
--
ns
Reverse Recovery Charge
(Note 4)
Qrr
--
12
--
nC
Note:
1.
Limited by maximum junction temperature
2.
Pulse width limited by safe operating area
3.
L = 0.1mH, IAS = 22A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4.
Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%
5.
Switching time is essentially independent of operating temperature.


Similar Part No. - TSM340N06CZC0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3400 TSC-TSM3400 Datasheet
247Kb / 6P
   30V N-Channel MOSFET
TSM3400CXRF TSC-TSM3400CXRF Datasheet
247Kb / 6P
   30V N-Channel MOSFET
TSM3401 TSC-TSM3401 Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
TSM3401 TSC-TSM3401 Datasheet
349Kb / 6P
   30V P-Channel MOSFET
TSM3401CX TSC-TSM3401CX Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM340N06CZC0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
   60V N-Channel Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
   60V N-Channel Power MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
35N06 UMW-35N06 Datasheet
781Kb / 8P
   60V N-Channel Power Mosfet
25N06 UMW-25N06 Datasheet
780Kb / 8P
   60V N-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06 Datasheet
71Kb / 4P
   60V N-Channel Power MOSFET
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com