Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-50-30SUB5C Datasheet(PDF) 6 Page - Lucky Light Electronic

Part # AL-50-30SUB5C
Description  LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

AL-50-30SUB5C Datasheet(HTML) 6 Page - Lucky Light Electronic

  AL-50-30SUB5C_15 Datasheet HTML 1Page - Lucky Light Electronic AL-50-30SUB5C_15 Datasheet HTML 2Page - Lucky Light Electronic AL-50-30SUB5C_15 Datasheet HTML 3Page - Lucky Light Electronic AL-50-30SUB5C_15 Datasheet HTML 4Page - Lucky Light Electronic AL-50-30SUB5C_15 Datasheet HTML 5Page - Lucky Light Electronic AL-50-30SUB5C_15 Datasheet HTML 6Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-50-30SUB5C
Diff No.
5 mm
High Power
Type:LED Lamps
6
2007/4/4
Precautions For Use
1. Over-current proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change (Burn out will happen).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded
the storage time, baking treatment should be performed using the following conditions.
Baking treatment︰60
±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 280℃ for 3
seconds within once in less than soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product
is often started at the time of the hand solder.


Similar Part No. - AL-50-30SUB5C_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
393Kb / 6P
   5mm High Power LED Lamps
2007/4/4
More results

Similar Description - AL-50-30SUB5C_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com