Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1986ES6 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1986ES6
Description  3V/5V SIM Power Supply in SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1986ES6 Datasheet(HTML) 2 Page - Linear Technology

  LTC1986ES6 Datasheet HTML 1Page - Linear Technology LTC1986ES6 Datasheet HTML 2Page - Linear Technology LTC1986ES6 Datasheet HTML 3Page - Linear Technology LTC1986ES6 Datasheet HTML 4Page - Linear Technology LTC1986ES6 Datasheet HTML 5Page - Linear Technology LTC1986ES6 Datasheet HTML 6Page - Linear Technology LTC1986ES6 Datasheet HTML 7Page - Linear Technology LTC1986ES6 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1986
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
q
2.6
4.4
V
VOUT Output Voltage
Shutdown Mode
0
V
3V Mode. VIN = 2.85V to 4.4V, IOUT ≤ 10mA
VIN – 0.025
V
3V Mode, VIN < 2.85V, IOUT < 10mA
q
2.75
2.9
3.05
V
5V Mode, VIN < 2.7V, IOUT ≤ 10mA
q
4.55
5
5.25
V
5V Mode, VIN = 2.7V to 4.4V, IOUT ≤ 10mA
q
4.75
5
5.25
V
VIN Operating Current
Shutdown Mode, VMODE = 0V
q
0.001
1
µA
3V Mode, IOUT = 0mA
q
10
25
µA
5V Mode, IOUT = 0mA
q
14
30
µA
VIN-to-VOUT ON Resistance
3V Mode, VIN = 3V
q
2.5
5
VOUT Short-Circuit Current
3V or 5V Mode, VOUT = 0V
q
20
100
200
mA
VOUT Discharge Resistance
q
70
200
Switching Frequency
Oscillator Free-Running
900
kHz
MODE Input Ranges
Shutdown Mode
q
0VIN/2 – 0.1
V
5V Mode
q
VIN/2 + 0.1
VIN – 1.0
V
3V Mode
q
VIN – 0.25
VIN
V
MODE Input Current
q
–1
1
µA
Undervoltage Lockout Threshold
1.4
V
LTC1986ES6
TJMAX = 125°C, θJA = 230°C/ W
ORDER PART
NUMBER
VIN, VOUT to GND .........................................– 0.3V to 6V
All Other Pins to GND .................................. – 0.3V to 6V
VOUT Short-Circuit Duration ............................. Indefinite
Operating Temperature Range
(Note 2) .................................................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
Consult factory for Military grade parts.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = VMIN to VMAX, MODE = VIN, C1 = 0.047µF, COUT = 2.2µF, unless otherwise specified.
VOUT 1
GND 2
MODE 3
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
6 VIN
5 C1+
4 C1
Note 2: The LTC1986 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
S6 PART MARKING
LTKX


Similar Part No. - LTC1986ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1986 LINER-LTC1986 Datasheet
162Kb / 8P
   3V/5V SIM Power Supply in ThinSOT
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
   3V/5V SIM Power Supply in ThinSOT
More results

Similar Description - LTC1986ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
   3V/5V SIM Power Supply in ThinSOT
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
Analog Devices
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
logo
Texas Instruments
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
Maxim Integrated Produc...
M24308-2-13 MAXIM-M24308-2-13 Datasheet
157Kb / 8P
   3V to 5V Regulating Charge Pumps for SIM Cards
Rev 1; 12/98
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com