Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER153 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # HER153
Description  Plastic High-Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

HER153 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  HER153 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd HER153 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻 Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
塑封高效率整流二极管
反向电压
50 ---1000 V
正向电流
1.5 A
HER
151
HER
152
HER
153
HER
154
HER
155
HER
156
HER
157
50
100
200
400
600
800
50
100
200
400
600
800
35
70
140
280
420
560
45
50
1.5
1.3
5.0
200
HER151 ...... HER158
HER
158
1000
1000
700
HER
151
HER
152
HER
153
HER
154
HER
155
HER
156
HER
157
HER
158
50
75
1.7
1.0
300
300
210
SIYU R
Plastic High-Efficiency Rectifiers
Reverse Voltage 50 to 1000V
Forward Current 1.5A
最大反向电流
TA= 25℃
TA=1
00℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
V
μA
nS
IR
trr
Maximum reverse current
Type junction capacitance
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 1.5A
pF
35
20
最大正向电压
Maximum forward voltage
Cj
RθJA
大昌电子
DACHANG ELECTRONICS
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
.140(3.6)
.104(2.6)
DIA
DIA
.034(0.9)
.028(0.7)
DO-15
Unit:inch(mm)


Similar Part No. - HER153

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER153 WTE-HER153 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
Goodwork Semiconductor ...
HER153 GWSEMI-HER153 Datasheet
69Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER153 TSC-HER153 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Nanjing International G...
HER153 DGNJDZ-HER153 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
RFE international
HER153 RFE-HER153 Datasheet
101Kb / 1P
   LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
More results

Similar Description - HER153

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER201G DACHANG-HER201G_15 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers
HER251 DACHANG-HER251_15 Datasheet
119Kb / 2P
   Plastic High-Efficiency Rectifiers
HER251G DACHANG-HER251G_15 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers
HER601 DACHANG-HER601_15 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers
EG1 DACHANG-EG1_15 Datasheet
119Kb / 2P
   Plastic High-Efficiency Rectifiers
EG1A DACHANG-EG1A_15 Datasheet
118Kb / 2P
   Plastic High-Efficiency Rectifiers
HER101 DACHANG-HER101_15 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers
HER501 DACHANG-HER501_15 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers
HER101G DACHANG-HER101G_15 Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Shanghai Leiditech Elec...
UF4001 LEIDITECH-UF4001 Datasheet
672Kb / 2P
   Plastic High-Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com