Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELD-840-515 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # ELD-840-515
Description  optical communications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ELD-840-515 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  ELD-840-515 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
rev.05/01
ROITHNER LASERTECHNIK
Schönbrunner Straße 7, A-1040 Vienna, Austria, Tel: +43-1-586 52 43-0, Fax: +43-1-586 52 43-44, office@roithner-laser.com
LED lamp
ELD-840-515
Radiation
Type
Technology
Case
Infrared
ELD-840-515
AlGaAs/AlGaAs
5 mm plastic lens
Description
High-power, high-speed, double heterostructure
with removed substrate, chip with frame contact,
housing without standoff leads
Applications
Optical communications,
safety equipment
9
- 0,5
32,5
2
- 1,0
1,1
- 0,1
0,6
- 0,2
6
- 0,3
Anode
ELD-01
Note: Special packages with standoff available on request
Tamb = 25°C, unless otherwise specified
Parameter
Test ñonditions
Symbol
Value
Unit
Forward current (DC)
IF
100
mA
Peak forward current
(tP
≤ 50 µs, t
P /T = 1/2)
IFM
200
mA
Surge forward current
(tP <10
µs)
IFSM
2000
mA
Reverse voltage
IR = 100 µA
VR
5
V
Operating temperature range
Tamb
-20 to +100
°C
Storage temperature range
Tstg
-55 to +100
°C
Mass
m
0.33
g
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Parameter
Test
ñonditions
Symbol
Min
Typ
Max
Unit
Forward voltage
IF = 100 mA
VF
1.7
2.1
V
Radiant power
IF = 100 mA
Öe
15
mW
Radiant intensity
IF = 100 mA
Ie
80
90
100
mW/sr
Peak wavelength
IF = 100 mA
λ
p
840
nm
Spectral bandwidth at 50%
IF = 100 mA
∆λ
0.5
35
nm
Viewing angle
ϕ
11
deg.
Switching time
IF = 100 mA
tr, tf
65
ns


Similar Part No. - ELD-840-515

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELD-840-525 EPIGAP-ELD-840-525 Datasheet
94Kb / 1P
   LED - Lamp
More results

Similar Description - ELD-840-515

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ELD-870F-515-2 ROITHNER-ELD-870F-515-2 Datasheet
99Kb / 1P
   optical communications
ELD-1020-525 ROITHNER-ELD-1020-525 Datasheet
140Kb / 1P
   optical communications
ELD-1550-525 ROITHNER-ELD-1550-525 Datasheet
78Kb / 1P
   optical communications
ELD-700-524-1 ROITHNER-ELD-700-524-1 Datasheet
61Kb / 1P
   optical communications
ELD-1060-525 ROITHNER-ELD-1060-525 Datasheet
79Kb / 1P
   optical communications
ELD-960-545 ROITHNER-ELD-960-545 Datasheet
143Kb / 1P
   optical communications
ELD-1480-525 ROITHNER-ELD-1480-525 Datasheet
142Kb / 1P
   optical communications
ELD-680-524 ROITHNER-ELD-680-524 Datasheet
60Kb / 1P
   optical communications
ELD-780-524 ROITHNER-ELD-780-524 Datasheet
146Kb / 1P
   optical communications
ELD-720-524 ROITHNER-ELD-720-524 Datasheet
133Kb / 1P
   optical communications
ELD-1300-525 ROITHNER-ELD-1300-525 Datasheet
117Kb / 3P
   optical communications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com