Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBP206G Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # GBP206G
Description  Single phase Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

GBP206G Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  GBP206G Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd GBP206G Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIYU
®
GBP201G - GBP207G
单向硅整流桥堆
反向电压 50 ~ 1000 V
正向电流 2.0 A
Reverse Voltage 50 ~ 1000 V
Forward Current 2.0 A
Single phase Silicon Bridge Rectifiers
特征 Features
● 反向漏电流低 Low reverse leakage
● 正向浪涌承受能力强 High forward surge capability
● 高信赖性 High reliability
● 玻璃钝化芯片 Glass passivated chip
● 引线和管体皆符合RoHS标准
Lead and body according with RoHS standard
GBP
● 型号后缀“-F”标记无卤素产品
Green compound with suffix "-F" on Marking
机械数据 Mechanical Data
● 封装外形:GBP 塑封 Case:GBP Molded plastic
● 环氧树脂:UL易燃等级:94V-0
Epoxy: UL 94V-0 rate flame retardant
● 引脚:镀锡,无铅 Lead: Pure tin plated, lead free
Uit
ih (
)
● 安装位置: 任意 Mounting Position: Any
最大值和特性 TA = 25℃ 除非另有规定。
最大可重复峰值反向电压
单位
符号
200
400
50
100
V
GBP
205G
GBP
206G
GBP
207G
600
800
1000
Unit
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Symbols
GBP
202G
GBP
201G
V
参数
Parameter
GBP
203G
GBP
204G
Unit: inch (mm)
Maximum repetitive peak reverse voltage
最大均方根电压 Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
正向不重复浪涌电流 10 ms单一正弦半波
200
400
140
50
VDC
100
VRRM
35
400
600
800
1000
420
560
700
600
100
200
50
IF(AV)
2.0
70
VRMS
V
V
V
280
A
800
1000
Non-repetitive peak forward surge current
10 ms singlehalf sine-wave
最大正向电压 @IF=2.0A
Maximum forward voltage
最大反向电流 @VDC
IFSM
I
A
60
I t
15
A S
A
V
1.1
熔断系数 t≤ 10 ms
Current squared time t≤ 10 ms
VF
5
2
2
Maximum reverse current
工作结温和存储温度
Operating junction and storage temperature range
备注 Note:
1) 安装在PCB板上,从PN结到引脚的热阻。
Tj, TSTG
RθJA
IR
RθJL
8
典型热阻 Typical thermal resistance (Note 1、2)
℃/W
μA
-55 --- +150
25
5
)
1) Thermal resistance from junction to lead , PCB mounted.
2) 安装在PCB板上,从PN结到环境的热阻。
2) Thermal resistance from junction to ambient , PCB mounted.
版本 version:A/0
Page 1/2
Http://www.dachang.com.cn


Similar Part No. - GBP206G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GBP206G FRONTIER-GBP206G Datasheet
178Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dongguan City Niuhang E...
GBP206G NIUHANG-GBP206G Datasheet
366Kb / 3P
   BRIDGE RECTIFIERS
More results

Similar Description - GBP206G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBPC10005W SEMTECH_ELEC-KBPC10005W Datasheet
329Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
RS801 SEMTECH_ELEC-RS801 Datasheet
246Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
RS10 CHENG-YI-RS10 Datasheet
145Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
2W005M SEMTECH_ELEC-2W005M Datasheet
129Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBL4005 LUGUANG-KBL4005 Datasheet
258Kb / 2P
   Single Phase 4.0AMP. Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC8005 SEMTECH_ELEC-KBPC8005 Datasheet
237Kb / 2P
   8A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com