Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM70N900CIC0G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM70N900CIC0G
Description  700V, 4.5A, 0.9 N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM70N900CIC0G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM70N900CIC0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM70N900CIC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM70N900CIC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM70N900CIC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM70N900CIC0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM70N900CIC0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM70N900CIC0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM70N900CIC0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM70N900CIC0G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TSM70N900
700V, 4.5A, 0.9Ω
N-Channel Power MOSFET
1/9
Version: C14
ITO-220
TO-251
(IPAK)
Key Parameter Performance
Parameter
Value
Unit
VDS
700
V
RDS(on) (max)
0.9
Qg
9.7
nC
TO-252
(DPAK)
Features
Super-Junction technology
High performance due to small figure-of-merit
High ruggedness performance
High commutation performance
Block Diagram
N-Channel MOSFET
Application
Power Supply.
Lighting
Ordering Information
Part No.
Package
Packing
TSM70N900CI C0G
ITO-220
50pcs / Tube
TSM70N900CH C5G
TO-251
75pcs / Tube
TSM70N900CP ROG
TO-252
2.5kpcs / 13” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds
Absolute Maximum Ratings (TC = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
ITO-220
IPAK/DPAK
Drain-Source Voltage
VDS
700
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
(Note 1)
TC = 25
oC
ID
4.5
A
Pulsed Drain Current
(Note 2)
IDM
13.5
A
Total Power Dissipation @ TC=25
oC
PDTOT
20
50
W
Single Pulsed Avalanche Energy
(Note 3)
EAS
64
mJ
Single Pulsed Avalanche Current
(Note 3)
IAS
1.6
A
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM70N900CIC0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
   100V N-Channel Power MOSFET
TSM70N10CHC5G TSC-TSM70N10CHC5G Datasheet
489Kb / 8P
   100V N-Channel Power MOSFET
TSM70N10CHX0G TSC-TSM70N10CHX0G Datasheet
489Kb / 8P
   100V N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM70N10CP DOINGTER-TSM70N10CP Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
Taiwan Semiconductor Co...
TSM70N10CPROG TSC-TSM70N10CPROG Datasheet
489Kb / 8P
   100V N-Channel Power MOSFET
More results

Similar Description - TSM70N900CIC0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N900 TSC-TSM60N900 Datasheet
957Kb / 9P
   600V, 4.5A, 0.9廓 N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MMD70R900P MGCHIP-MMD70R900P Datasheet
1Mb / 10P
   700V 0.9(ohm) N-channel MOSFET
MMF70R900P MGCHIP-MMF70R900P Datasheet
1Mb / 10P
   700V 0.9(ohm) N-channel MOSFET
MMIS70R900P MGCHIP-MMIS70R900P Datasheet
1Mb / 10P
   700V 0.9(ohm) N-channel MOSFET
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com