Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM60N380CIC0G Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSM60N380CIC0G
Description  600V, 11A, 0.38廓 N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60N380CIC0G Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TSM60N380CIC0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TSM60N380
600V, 11A, 0.38Ω
N-Channel Power MOSFET
6/9
Version: A14
ITO-220 Mechanical Drawing
Unit: Millimeters
Marking Diagram
G
= Halogen Free
Y
= Year Code
WW = Week Code (01~52)
F
= Factory Code


Similar Part No. - TSM60N380CIC0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N380CZ TSC-TSM60N380CZ Datasheet
547Kb / 6P
   N-Channel Power MOSFET
More results

Similar Description - TSM60N380CIC0G

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB11N60L AOSMD-AOB11N60L Datasheet
450Kb / 5P
   600V,11A N-Channel MOSFET
AOW11N60 AOSMD-AOW11N60 Datasheet
452Kb / 5P
   600V,11A N-Channel MOSFET
AOB11N60 AOSMD-AOB11N60 Datasheet
450Kb / 5P
   600V,11A N-Channel MOSFET
AOT11N60 AOSMD-AOT11N60 Datasheet
551Kb / 6P
   600V,11A N-Channel MOSFET
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
   600V, 11A N-Channel UltraMOS??Power MOSFET
logo
KIA Semiconductor Techn...
60R380DS KIA-60R380DS Datasheet
262Kb / 8P
   11A 600V N-CHANNEL MOSFET
logo
PFC Device Inc.
PSM11N60CT PFC-PSM11N60CT Datasheet
1Mb / 9P
   11A 600V Single N-Channel Power MOSFET
PSM11N60CTF PFC-PSM11N60CTF Datasheet
1Mb / 9P
   11A 600V Single N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDF11N60 MGCHIP-MDF11N60 Datasheet
959Kb / 6P
   N-Channel MOSFET 600V, 11A, 0.55(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com