Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MC06-024-15H Datasheet(PDF) 4 Page - RMT Ltd.

Part # 1MC06-024-15H
Description  Blank ceramics (not metallized)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MC06-024-15H Datasheet(HTML) 4 Page - RMT Ltd.

  1MC06-024-15H Datasheet HTML 1Page - RMT Ltd. 1MC06-024-15H Datasheet HTML 2Page - RMT Ltd. 1MC06-024-15H Datasheet HTML 3Page - RMT Ltd. 1MC06-024-15H Datasheet HTML 4Page - RMT Ltd. 1MC06-024-15H Datasheet HTML 5Page - RMT Ltd. 1MC06-024-15H Datasheet HTML 6Page - RMT Ltd. 1MC06-024-15H Datasheet HTML 7Page - RMT Ltd. 1MC06-024-15H Datasheet HTML 8Page - RMT Ltd. 1MC06-024-15H Datasheet HTML 9Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Important notes
1. TEC Performance in this datasheet is specified in two standard ambient condition modes (vacuum, +27ºC and dry
nitrogen (N2), +50ºC). The performance may differ under other conditions. Please, use TECCad software from
RMT Ltd web site or contact RMT or its branch specialists directly for additional TEC performance info.
2. TEC ACR and Umax values are sensitive to ambient temperature. These values can be different from those
specified in the datasheet at other ambient conditions. ACR and Umax raise with ambient temperature increasing.
3. TEC cooling capacity (Qmax) raises with ambient temperature. Please, use TECCad software for additional info or
contact RMT specialists directly.
4. Thermoelectric coolers have the best performance in the temperature range from near room up to +80..90ºC. The
performance is lower at temperatures below 0ºC. TEC is not suitable to work at cryogenic temperatures.
5. Driving a TEC at Imax or Umax doesn’t mean max performance mode. The real optimal mode may depend on
operating conditions and heatload. In fact a better performance can be reached at operating current and voltage
lower than Imax and Umax values specified in the datasheet.
6. It is strongly recommended to avoid a direct mounting of thermoelectric cooler to pure Copper, Aluminium or
Nickel materials as well as a mounting of objects from these materials on TEC cold side. Any material with high
CTE may affect TEC lifetime and/or damage it in case of improper mounting, thermal shock or temperature
cycling. In case of above mentioned materials necessity, it is recommended to use soft solders or glues with large
modulus of elasticity (Indium-based solders or silicon-based thermoconductive glues).
7. RMT Ltd confirms that all thermoelectric coolers meet the requirements of Telcordia GR-468 standard. The up-to-
date Reliability Report is available by request. RMT Ltd warranties thermoelectric coolers lifetime no less than
250K-300K operating hours under normal application conditions.
Thermoelectric Cooling Solutions
Performance
Data
1MC06-024-15H
Note: Performance data is specified for optimal optimal conditions (TEC hot side is stabilized at ambient temperature). Heatsink
thermal resistance is not included into estimations. Use TECCad Software for estimations under different conditions.
@ 27ºC, Vacuum
ΔTmax
K
Qmax
W
Imax
A
Umax
V
1MC06-024-15H
73
2.10
1.1
3.0
@50ºC, N2
ΔTmax
K
Qmax
W
Imax
A
Umax
V
1MC06-024-15H
74
2.30
1.1
3.3
!
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2014. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page " of "
4
9


Similar Part No. - 1MC06-024-15H

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC06-024-15H RMT-1MC06-024-15H Datasheet
2Mb / 9P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC06-024-15H RMT-1MC06-024-15H Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results

Similar Description - 1MC06-024-15H

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1ML07023AN25 RMT-1ML07023AN25 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1ML07035AN05 RMT-1ML07035AN05 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1ML07050AN25 RMT-1ML07050AN25 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
2MD04022 RMT-2MD04022 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
2MD04042 RMT-2MD04042 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
2MD04066 RMT-2MD04066 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MD04031 RMT-1MD04031 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
2MD06102 RMT-2MD06102 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
2MDX04042 RMT-2MDX04042 Datasheet
1Mb / 7P
   Blank ceramics (not metallized)
2MDX06022 RMT-2MDX06022 Datasheet
1Mb / 7P
   Blank ceramics (not metallized)
3MC10038 RMT-3MC10038 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com