Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1735 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 4 Page - Linear Technology

  LTC1735 Datasheet HTML 1Page - Linear Technology LTC1735 Datasheet HTML 2Page - Linear Technology LTC1735 Datasheet HTML 3Page - Linear Technology LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
LTC1735
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
(3 Operating Modes)
Efficiency vs Load Current
Efficiency vs Input Voltage
LOAD CURRENT (A)
0.001
60
70
80
BURST
SYNC
CONT
10
1735 G01
50
40
20
0.01
0.1
1
30
100
90
VIN = 10V
VOUT = 3.3V
RS = 0.01Ω
fO = 300kHz
EXTVCC OPEN
LOAD CURRENT (A)
0.01
0.1
1
10
1735 G02
100
90
80
70
60
50
40
VIN = 5V
EXTVCC = 5V
FIGURE 1
VIN = 24V
VIN = 15V
INPUT VOLTAGE (V)
0
70
75
80
85
90
100
5
10
15
20
1735 G03
25
30
95
EXTVCC = 5V
VOUT = 1.6V
FIGURE 1
IOUT = 5A
IOUT = 0.5A
Efficiency vs Input Voltage
Load Regulation
VIN – VOUT Dropout Voltage
vs Load Current
INPUT VOLTAGE (V)
0
70
75
80
85
90
100
5
10
15
20
1735 G04
25
30
95
EXTVCC OPEN
VOUT = 1.6V
FIGURE 1
IOUT = 5A
IOUT = 0.5A
LOAD CURRENT (A)
0
–0.2
–0.1
8
1735 G05
–0.3
–0.4
2
4
6
10
0
FCB = 0V
VIN = 15V
FIGURE 1
LOAD CURRENT (A)
0
0
500
400
300
200
100
2468
1735 G06
10
RSENSE = 0.005Ω
VOUT = 5V – 5% DROP
Input and Shutdown Currents
vs Input Voltage
INTVCC Line Regulation
INPUT VOLTAGE (V)
05
0
200
500
10
20
25
1735 G07
100
400
300
0
40
100
20
80
60
15
30
35
EXTVCC OPEN
SHUTDOWN
EXTVCC = 5V
INPUT VOLTAGE (V)
0
4
5
6
15
25
1735 G08
3
2
510
20
30
35
1
0
1mA LOAD
EXTVCC Switch Drop
vs INTVCC Load Current
INTVCC LOAD CURRENT (mA)
0
300
400
500
40
1735 G09
200
100
0
10
20
30
50


Similar Part No. - LTC1735

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1735 LINER-LTC1735 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC1735 LINER-LTC1735 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC1735 LINER-LTC1735 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LTC1735 LINER-LTC1735 Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
More results

Similar Description - LTC1735

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735_15 Datasheet
410Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735CF LINER-LTC1735CF Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LT8630 LINER-LT8630 Datasheet
399Kb / 8P
   Synchronous Micropower Step-Down High Efficiency Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_15 Datasheet
228Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707 Datasheet
213Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
logo
New Japan Radio
NJU7690 NJRC-NJU7690 Datasheet
175Kb / 9P
   High Efficiency Synchronous Step-Down switching regulator IC
logo
Linear Technology
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com