Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1726IS8-5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1726IS8-5
Description  Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1726IS8-5 Datasheet(HTML) 5 Page - Linear Technology

  LTC1726IS8-5 Datasheet HTML 1Page - Linear Technology LTC1726IS8-5 Datasheet HTML 2Page - Linear Technology LTC1726IS8-5 Datasheet HTML 3Page - Linear Technology LTC1726IS8-5 Datasheet HTML 4Page - Linear Technology LTC1726IS8-5 Datasheet HTML 5Page - Linear Technology LTC1726IS8-5 Datasheet HTML 6Page - Linear Technology LTC1726IS8-5 Datasheet HTML 7Page - Linear Technology LTC1726IS8-5 Datasheet HTML 8Page - Linear Technology LTC1726IS8-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1726
timer is not cleared, a reset pulse will occur. The watch-
dog timer is cleared during a reset and restarts when the
reset is deasserted. When disabling the watchdog func-
tion, this pin should be connected to either VCC3 or
ground and WT must be grounded.
RST (Pin 6): Reset Logic Output. Active low, open-drain
logic output with weak pull-up to VCC3. Asserted when
one or more of the supplies are below trip thresholds.
After all supplies become valid, the reset remains as-
serted for the period set by the capacitor on the RT pin.
The watchdog timer can also trigger the reset whenever
the watchdog time-out period is exceeded. This pin can
be pulled up greater than VCC3 when interfacing to 5V
logic.
WT (Pin 7): Watchdog Time-Out Input. Place a capacitor
between this pin and ground to adjust the watchdog time-
out period. To determine the watchdog time-out period:
tWT = 21.8 • CWT
with tWT in µs and CWT in pF. As an example, a 47nF
capacitor will generate a 1s watchdog time-out period.
The watchdog function can be disabled by connecting
this pin to ground.
VCC3 (Pin 1): 3.3V Sense Input. This pin also supplies
power to the part when the voltage on this pin is greater
than the voltage on VCC25/VCC5. Bypass this pin to ground
with a 0.1
µF or larger ceramic capacitor.
VCC5 (Pin 2): 5V Sense Input (LTC1726-5). This pin also
supplies power to the part when the voltage on this pin is
greater than the voltage on VCC3. Bypass this pin to
ground with a 0.1
µF or larger ceramic capacitor.
VCC25 (Pin 2): 2.5V Sense Input (LTC1726-2.5). This pin
also supplies power to the part when the voltage on this
pin is greater than the voltage on VCC3. Bypass this pin to
ground with a 0.1
µF or larger ceramic capacitor.
VCCA (Pin 3): 1V Sense, High Impedance Input. If unused
it can be tied to either VCC3, VCC5 or VCC25.
GND (Pin 4): Ground.
WDI (Pin 5): Watchdog Input. A logic input whose rising
or falling edge must occur on this pin within the selected
watchdog time-out period or a reset pulse will occur. The
watchdog time-out period is set by the value of the
capacitor that is placed on the WT pin. The rising or falling
edge of this pin clears the voltage on the WT capacitor,
preventing a reset pulse from occurring. If the watchdog
Time-Out Period vs Capacitance
CRT OR CWT (pF)
0.1
1
10
106
105
104
103
102
102
103
104
10
1726 G12
tWT
tRT
TA = 25°C
RST Output Voltage vs
Supply Voltage (LTC1726-2.5)
TYPICAL PERFOR A CE CHARACTERISTICS
VCC3 (V)
0
2
1726 F13
1
1
23
0
3
VCC3 = VCC25 = VCCA
10k PULL-UP FROM VCC3 TO RST
TA = 25°C
PI FU CTIO S


Similar Part No. - LTC1726IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726IS8-5 LINER-LTC1726IS8-5 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
More results

Similar Description - LTC1726IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com