Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1709EG-9 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1709EG-9
Description  2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709EG-9 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1709EG-9 Datasheet HTML 3Page - Linear Technology LTC1709EG-9 Datasheet HTML 4Page - Linear Technology LTC1709EG-9 Datasheet HTML 5Page - Linear Technology LTC1709EG-9 Datasheet HTML 6Page - Linear Technology LTC1709EG-9 Datasheet HTML 7Page - Linear Technology LTC1709EG-9 Datasheet HTML 8Page - Linear Technology LTC1709EG-9 Datasheet HTML 9Page - Linear Technology LTC1709EG-9 Datasheet HTML 10Page - Linear Technology LTC1709EG-9 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1709-8/LTC1709-9
TYPICAL PERFOR A CE CHARACTERISTICS
Current Sense Pin Input Current
vs Temperature
EXTVCC Switch Resistance
vs Temperature
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–50
–25
25
29
35
0
50
75
170989 G20
27
33
31
25
100
125
VOUT = 5V
TEMPERATURE (
°C)
–50
–25
0
4
10
0
50
75
170989 G21
2
8
6
25
100
125
TEMPERATURE (
°C)
–50
200
250
350
25
75
170989 G22
150
100
–25
0
50
100
125
50
0
300
VFREQSET = 5V
VFREQSET = OPEN
VFREQSET = 0V
Undervoltage Lockout
vs Temperature
TEMPERATURE (
°C)
–50
3.40
3.45
3.50
25
75
170989 G23
3.35
3.30
–25
0
50
100
125
3.25
3.20
Shutdown Latch Thresholds
vs Temperature
TEMPERATURE (
°C)
–50
–25
0
0.5
1.5
2.0
2.5
75
100
50
4.5
170989 G24
1.0
0
25
125
3.0
3.5
4.0
LATCH ARMING
LATCHOFF
THRESHOLD
RUN/SS (Pin 1): Combination of Soft-Start, Run Control
Input and Short-Circuit Detection Timer. A capacitor to
ground at this pin sets the ramp time to full current output.
Forcing this pin below 0.8V causes the IC to shut down all
internal circuitry. All functions are disabled in shutdown.
SENSE1+, SENSE2+ (Pins 2,14): The (+) Input to Each
Differential Current Comparator. The ITH pin voltage and
built-in offsets between SENSEand SENSE+ pins in
conjunction with RSENSE set the current trip threshold.
PI FU CTIO S
SENSE1, SENSE2(Pins 3, 13): The (–) Input to the
Differential Current Comparators.
EAIN (Pin 4): Input to the error amplifier that compares the
feedback voltage to the internal 0.8V reference voltage.
This pin is normally connected to a resistive divider from
the output of the differential amplifier (DIFFOUT).
PLLFLTR (Pin 5): The phase-locked loop’s lowpass filter
is tied to this pin. Alternatively, this pin can be driven with
an AC or DC voltage source to vary the frequency of the
internal oscillator.


Similar Part No. - LTC1709EG-9

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709EG-9 LINER-LTC1709EG-9 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1709EG-9

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709-9 LINER-LTC1709-9_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_1 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
LTC3716 LINER-LTC3716 Datasheet
438Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85 Datasheet
317Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85_15 Datasheet
323Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com