Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1709EG-8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1709EG-8
Description  2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709EG-8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1709EG-8 Datasheet HTML 7Page - Linear Technology LTC1709EG-8 Datasheet HTML 8Page - Linear Technology LTC1709EG-8 Datasheet HTML 9Page - Linear Technology LTC1709EG-8 Datasheet HTML 10Page - Linear Technology LTC1709EG-8 Datasheet HTML 11Page - Linear Technology LTC1709EG-8 Datasheet HTML 12Page - Linear Technology LTC1709EG-8 Datasheet HTML 13Page - Linear Technology LTC1709EG-8 Datasheet HTML 14Page - Linear Technology LTC1709EG-8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC1709-8/LTC1709-9
OPERATIO
(Refer to Functional Diagram)
Differential Amplifier
This amplifier provides true differential output voltage
sensing. Sensing both VOUT+ and VOUT– benefits regula-
tion in high current applications and/or applications hav-
ing electrical interconnection losses. The AMPMD pin
allows selection of internal, precision feedback resistors
for high common mode rejection differencing applica-
tions, or direct access to the actual amplifier inputs
without these internal feedback resistors for other applica-
tions. The AMPMD pin is grounded to connect the internal
precision resistors in a unity-gain differencing application,
or tied to the INTVCC pin to bypass the internal resistors
and make the amplifier inputs directly available. The
amplifier is a unity-gain stable, 2MHz gain bandwidth,
>120dB open-loop gain design. The amplifier has an
output slew rate of 5V/
µs and is capable of driving capaci-
tive loads with an output RMS current typically up to
35mA. The amplifier is not capable of sinking current and
therefore must be resistively loaded to do so.
Power Good (PGOOD)
The PGOOD pin is connected to the drain of an internal
MOSFET. The MOSFET turns on when the output voltage
is not within
±7.5% of its nominal output level as deter-
mined by the feedback divider. When the output is within
±7.5% of its nominal value, the MOSFET is turned off
within 10
µs and the PGOOD pin should be pulled up by an
external resistor to a source of up to 7V.
Short-Circuit Detection
The RUN/SS capacitor is used initially to limit the inrush
current from the input power source. Once the controllers
have been given time, as determined by the capacitor on
the RUN/SS pin, to charge up the output capacitors and
provide full-load current, the RUN/SS capacitor is then
used as a short-circuit timeout circuit. If the output voltage
falls to less than 70% of its nominal output voltage the
RUN/SS capacitor begins discharging assuming that the
output is in a severe overcurrent and/or short-circuit
condition. If the condition lasts for a long enough period
as determined by the size of the RUN/SS capacitor, the
controller will be shut down until the RUN/SS pin voltage
is recycled. This built-in latchoff can be overidden by
providing a current >5
µA at a compliance of 5V to the
RUN/SS pin. This current shortens the soft-start period
but also prevents net discharge of the RUN/SS capacitor
during a severe overcurrent and/or short-circuit condi-
tion. Foldback current limiting is activated when the output
voltage falls below 70% of its nominal level whether or not
the short-circuit latchoff circuit is enabled.
APPLICATIO S I FOR ATIO
The basic LTC1709 application circuit is shown in Fig-
ure 1 on the first page. External component selection
begins with the selection of the inductor(s) based on
ripple current requirements and continues with the
RSENSE1, 2 resistor selection using the calculated peak
inductor current and/or maximum current limit. Next, the
power MOSFETs and D1 and D2 are selected. The oper-
ating frequency and the inductor are chosen based mainly
on the amount of ripple current. Finally, CIN is selected for
its ability to handle the input ripple current (that
PolyPhase
TM operation minimizes) and COUT is chosen
with low enough ESR to meet the output ripple voltage
and load step specifications (also minimized with
PolyPhase). Current mode architecture provides inherent
current sharing between output stages. The circuit shown
in Figure 1 can be configured for operation up to an input
voltage of 28V (limited by the external MOSFETs).
RSENSE Selection For Output Current
RSENSE1, 2 are chosen based on the required peak output
current. The LTC1709 current comparator has a maxi-
mum threshold of 75mV/RSENSE and an input common
mode range of SGND to 1.1(INTVCC). The current com-
parator threshold sets the peak inductor current, yielding
a maximum average output current IMAX equal to the peak
value less half the peak-to-peak ripple current,
∆IL.
PolyPhase is a trademark of Linear Technology Corporation.


Similar Part No. - LTC1709EG-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709EG-8 LINER-LTC1709EG-8 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
LTC1709EG-85 LINER-LTC1709EG-85 Datasheet
317Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1709EG-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709-9 LINER-LTC1709-9_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_1 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
LTC3716 LINER-LTC3716 Datasheet
438Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85 Datasheet
317Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85_15 Datasheet
323Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com