Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1708EG-PG Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1708EG-PG
Description  Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck Regulator Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1708EG-PG Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1708EG-PG Datasheet HTML 5Page - Linear Technology LTC1708EG-PG Datasheet HTML 6Page - Linear Technology LTC1708EG-PG Datasheet HTML 7Page - Linear Technology LTC1708EG-PG Datasheet HTML 8Page - Linear Technology LTC1708EG-PG Datasheet HTML 9Page - Linear Technology LTC1708EG-PG Datasheet HTML 10Page - Linear Technology LTC1708EG-PG Datasheet HTML 11Page - Linear Technology LTC1708EG-PG Datasheet HTML 12Page - Linear Technology LTC1708EG-PG Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC1708-PG
FU CTIO AL DIAGRA
Figure 2
PI FU CTIO S
BOOST1, BOOST2 (Pins 33, 26): Bootstrapped Supplies
to the Topside Floating Drivers. Capacitors are connected
between the boost and switch pins and Schottky diodes
are tied between the boost and INTVCCpins. Voltage swing
at the boost pins is from INTVCC to (VIN + INTVCC).
SW1, SW2 (Pins 34, 25): Switch Node Connections to
Inductors. Voltage swing at these pins is from a Schottky
diode (external) voltage drop below ground to VIN.
TG1, TG2 (Pins 35, 24): High Current Gate Drives for Top
N-Channel MOSFETs. These are the outputs of floating
drivers with a voltage swing equal to INTVCC – 0.5V
superimposed on the switch node voltage SW.
PGOOD (Pin 36): Open-Drain Logic Output. PGOOD is
pulled to ground when the voltage at either EAIN pin is not
within 7.5% of the setpoint.
SWITCH
LOGIC
+
0.8V
4.8V
5V
VIN
VIN
4.5V
BINH
0.86V
0.74V
0.74V
0.86V
VFB1
CLK2
CLK1
0.17
µA
+
+
+
+
+
FCB
+
+
+
+
VREF
INTERNAL
SUPPLY
EACH VID
INPUT
3.3VOUT
VSEC
FCB
EXTVCC
INTVCC
SGND
STBYMD
5-BIT VID DECODER
+
5V
LDO
REG
SW
SHDN
0.6V
TOP
BOOST
TG
CB
CIN
D1
DB
PGND
BOT
BG
INTVCC
INTVCC
VIN
+
CSEC
COUT
VOUT
1708 F02
DSEC
RSENSE
EAIN
VFB2
DROP
OUT
DET
RUN
SOFT-
START
BOT
TOP ON
S
R
Q
Q
OSCILLATOR
FREQSET
FCB
EA
0.860V
0.800V
OV
VFB
1.2
µA
6V
+
RC
4(VFB)
RST
SHDN
RUN/SS
ITH
CC
CC2
CSS
1.19V
1M
4(VFB)
0.86V
SLOPE
COMP
3mV
+
+
SENSE
SENSE+
INTVCC
30k
45k
2.4V
45k
30k
I1
I2
ATTNIN
VID0
ATTNOUT
PGOOD
DUPLICATE FOR SECOND
CONTROLLER CHANNEL
+
+
R2
10k
R1
VARIABLE
VID1 VID2 VID3 VID4
40k
VIDVCC


Similar Part No. - LTC1708EG-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1708EG-PG LINER-LTC1708EG-PG Datasheet
335Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
More results

Similar Description - LTC1708EG-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1708-PG LINER-LTC1708-PG_1 Datasheet
335Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
LTC1708-PG LINER-LTC1708-PG_15 Datasheet
340Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
LTC3716 LINER-LTC3716 Datasheet
438Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85 Datasheet
317Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85_15 Datasheet
323Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3732 LINER-LTC3732 Datasheet
285Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3732 LINER-LTC3732_15 Datasheet
294Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com