Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS140 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DFLS140
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS140 Datasheet(HTML) 1 Page - Diodes Incorporated

  DFLS140_15 Datasheet HTML 1Page - Diodes Incorporated DFLS140_15 Datasheet HTML 2Page - Diodes Incorporated DFLS140_15 Datasheet HTML 3Page - Diodes Incorporated DFLS140_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DFLS140
Document number: DS30446 Rev. 8 - 2
1 of 4
www.diodes.com
October 2010
© Diodes Incorporated
DFLS140
PowerDI is a registered trademark of Diodes Incorporated.
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PowerDI
®123
Features
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
Patented Interlocking Clip Design for High Surge Current
Capacity
Low Forward Voltage Drop
Lead Free Finish, RoHS Compliant (Note 1)
“Green” Molding Compound (No Br, Sb)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI
®123
Case Material: Molded Plastic.UL “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Polarity: Cathode Band
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.01 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
DFLS140-7
PowerDI
®123
3000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
F04 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
F04


Similar Part No. - DFLS140_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS140 DIODES-DFLS140_10 Datasheet
81Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30446 Rev. 8 - 2
More results

Similar Description - DFLS140_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS130L DIODES-DFLS130L_15 Datasheet
90Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS160 DIODES-DFLS160_15 Datasheet
71Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰123
DFLS130 DIODES-DFLS130_15 Datasheet
107Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS140L DIODES-DFLS140L_15 Datasheet
98Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
SBR1U400P1 DIODES-SBR1U400P1_15 Datasheet
206Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER POWERDI짰123
SBR1U200P1 DIODES-SBR1U200P1_15 Datasheet
76Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI짰123
DFLS1150 DIODES-DFLS1150_15 Datasheet
79Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰123
DFLS1200 DIODES-DFLS1200_15 Datasheet
86Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS1100 DIODES-DFLS1100_15 Datasheet
544Kb / 6P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰123
DFLS230L DIODES-DFLS230L_15 Datasheet
74Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com