Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV26A Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # BYV26A
Description  Plastic Super Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

BYV26A Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  BYV26A_15 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd BYV26A_15 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
塑封超快速整流二极管
反向电压
200 --- 1000 V
正向电流
1.0 A
BYV26B
200
400
600
800
1000
5.0
BYV26A ...... BYV26E
40
75
SIYU R
BYV26A
BYV26C
BYV26D
BYV26E
1.0
30
140
280
420
560
700
2.5
150
65
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
特征 Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
Plastic Super Fast Recover Rectifier
Reverse Voltage 200 to 1000V
Forward Current 1.0 A
最大正向电压
最大反向电流
TA= 25℃
TA=100℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
V
μA
nS
pF
IR
trr
Cj
Maximum forward voltage
Maximum reverse current
Type junction capacitance
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 1.0A
200
400
600
800
1000
BYV26B
BYV26A
BYV26C
BYV26D
BYV26E
35
RθJA
大昌电子
DACHANG ELECTRONICS
·引线和管体皆符合
RoHS标准 。
Lead and body according with RoHS standard
1.0(25.4)
MIN
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)
DIA
DIA
.034(0.9)
.028(0.7)
DO-41
Unit:inch(mm)


Similar Part No. - BYV26A_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A_15 Datasheet
270Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - BYV26A_15

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SF11 DACHANG-SF11_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
SF51 DACHANG-SF51_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
ER200 DACHANG-ER200_15 Datasheet
120Kb / 2P
   Plastic Super Fast Recover Rectifier
ER300 DACHANG-ER300_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
ER100 DACHANG-ER100_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
SF31 DACHANG-SF31_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
SF21 DACHANG-SF21_15 Datasheet
120Kb / 2P
   Plastic Super Fast Recover Rectifier
SF61 DACHANG-SF61_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com