Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1703 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1703
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1703 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1703 Datasheet HTML 6Page - Linear Technology LTC1703 Datasheet HTML 7Page - Linear Technology LTC1703 Datasheet HTML 8Page - Linear Technology LTC1703 Datasheet HTML 9Page - Linear Technology LTC1703 Datasheet HTML 10Page - Linear Technology LTC1703 Datasheet HTML 11Page - Linear Technology LTC1703 Datasheet HTML 12Page - Linear Technology LTC1703 Datasheet HTML 13Page - Linear Technology LTC1703 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
LTC1703
of the equation—with a typical value on the order of 1
µH,
the inductor allows very fast di/dt slew rates. The result is
superior transient response compared with conventional
solutions.
High Efficiency
The LTC1703 uses a synchronous step-down (buck)
architecture, with two external N-channel MOSFETs per
output. A floating topside driver and a simple external
charge pump provide full gate drive to the upper MOSFET.
The voltage mode feedback loop and MOSFET VDS current
limit sensing remove the need for an external current
sense resistor, eliminating an external component and a
source of power loss in the high current path. Properly
designed circuits using low gate charge MOSFETs are
capable of efficiencies exceeding 90% over a wide range
of output voltages.
VID Programming
The LTC1703 includes an onboard feedback network that
programs the output voltage at side 1 in accordance with
the Intel Mobile VID specification (Table 1). The network
includes a 10k resistor (R11) connected from SENSE to
FB1, and a variable value resistor (RB1) from FB1 to SGND,
with the value set by the digital code present at the VID0:4
pins. SENSE should be connected to VOUT1 to allow the
network to monitor the output voltage. No additional
feedback components are required to set the output volt-
age at controller 1, although loop compensation compo-
nents are still required. Each VID
n pin includes an internal
40k pull-up resistor, allowing it to float high if left uncon-
nected. The pull-up resistors are connected to VCC through
diodes (see Block Diagram), allowing the VID
n pins to be
pulled above VCC without damage.
Note that codes 01111 and 11111, defined by Intel to
indicate “no CPU present,” do generate output voltages at
VOUT1 (1.25V and 0.9V, respectively). Note also that
controller 2 on the LTC1703 is not connected to the VID
circuitry, and works independently from controller 1.
ARCHITECTURE DETAILS
The LTC1703 dual switching regulator controller includes
two independent regulator channels. The two sides of the
chip and their corresponding external components act
independently of each other with the exception of the
common input bypass capacitor, the VID circuitry at side
1, and the FCB and FAULT pins, which affect both chan-
nels. In the following discussions, when a pin is referred
to without mentioning which side is involved, that discus-
sion applies equally to both sides.
Switching Architecture
Each half of the LTC1703 is designed to operate as a
synchronous buck converter (Figure 1). Each channel
includes two high power MOSFET gate drivers to control
external N-channel MOSFETs QT and QB. These drivers
have 0.5
Ω output impedances and can carry well over an
amp of continuous current with peak currents up to 5A to
slew large MOSFET gates quickly. The external MOSFETs
are connected with the drain of QT attached to the input
supply and the source of QT at the switching node SW. QB
is the synchronous rectifier with its drain at SW and its
source at PGND. SW is connected to one end of the
inductor, with the other end connected to VOUT. The output
capacitor is connected from VOUT to PGND.
When a switching cycle begins, QB is turned off and QT is
turned on. SW rises almost immediately to VIN and the
inductor current begins to increase. When the PWM pulse
finishes, QT turns off and one nonoverlap interval later, QB
turns on. Now SW drops to PGND and the inductor current
decreases. The cycle repeats with the next tick of the
master clock. The percentage of time spent in each mode
is controlled by the duty cycle of the PWM signal, which in
turn is controlled by the feedback amplifier. The master
clock runs at a 550kHz rate and turns QT once every 1.8
µs.
In a typical application with a 5V input and a 1.5V output,
the duty cycle will be set at 1.5/5
× 100% or 30% by the
feedback loop. This will give roughly a 540ns on-time for
QT and a 1.26
µs on-time for QB.
Figure 1. Synchronous Buck Architecture
+
TG
LTC1703
BG
SW
PGND
COUT
1703 F01
+
CIN
QT
QB
VOUT
VIN
LEXT
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1703

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703CG LINER-LTC1703CG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results

Similar Description - LTC1703

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873 Datasheet
308Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873_15 Datasheet
323Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1705 LINER-LTC1705 Datasheet
310Kb / 28P
   Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
LTC1705 LINER-LTC1705_15 Datasheet
328Kb / 28P
   Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com