Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1660IN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1660IN
Description  Micropower Octal 8-Bit and 10-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1660IN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1660IN Datasheet HTML 3Page - Linear Technology LTC1660IN Datasheet HTML 4Page - Linear Technology LTC1660IN Datasheet HTML 5Page - Linear Technology LTC1660IN Datasheet HTML 6Page - Linear Technology LTC1660IN Datasheet HTML 7Page - Linear Technology LTC1660IN Datasheet HTML 8Page - Linear Technology LTC1660IN Datasheet HTML 9Page - Linear Technology LTC1660IN Datasheet HTML 10Page - Linear Technology LTC1660IN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1665/LTC1660
BLOCK DIAGRA
PIN FUNCTIONS
GND (Pin 1): System Ground.
VOUT A to VOUT H (Pins 2-5 and 12-15): DAC Analog
Voltage Outputs. The output range is
0
255
256
1665
0
1023
1024
1660
to
V
for the LTC
to
V
for the LTC
REF
REF




REF (Pin 6): Reference Voltage Input. 0V
≤ VREF ≤ VCC.
CS/LD (Pin 7): Serial Interface Chip Select/Load Input.
When CS/LD is low, SCK is enabled for shifting data on DIN
into the register. When CS/LD is pulled high, SCK is
disabled and data is loaded from the shift register into the
specified DAC register(s), updating the analog output(s).
CMOS and TTL compatible.
SCK (Pin 8): Serial Interface Clock Input. CMOS and TTL
compatible.
DIN (Pin 9): Serial Interface Data Input. Data on the DIN pin
is shifted into the 16-bit register on the rising edge of SCK.
CMOS and TTL compatible.
DOUT (Pin 10): Serial Interface Data Output. Data appears
on DOUT 16 positive SCK edges after being applied to DIN.
May be tied to DIN of another LTC1665/LTC1660 for daisy-
chain operaton. CMOS and TTL compatible.
CLR (Pin 11): Asynchronous Clear Input. All internal shift
and DAC registers are cleared to zero at the falling edge of
the CLR signal, forcing the analog outputs to zero scale.
CMOS and TTL compatible.
VCC (Pin 16): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V.
2
15
1
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CS/LD
SCK
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CLR
DOUT
DIN
1665/60 BD
16
DAC A
DAC H
3
14
DAC B
DAC G
4
13
DAC C
DAC F
5
7
6
8
10
11
9
12
DAC D
DAC E
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER
(LTC1665/LTC1660)


Similar Part No. - LTC1660IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1660 LINER-LTC1660 Datasheet
234Kb / 18P
   Micropower Octal 8-Bit and 10-Bit DACs
LTC1660 LINER-LTC1660_15 Datasheet
234Kb / 18P
   Micropower Octal 8-Bit and 10-Bit DACs
More results

Similar Description - LTC1660IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1665 LINER-LTC1665_15 Datasheet
234Kb / 18P
   Micropower Octal 8-Bit and 10-Bit DACs
LTC1660 LINER-LTC1660_15 Datasheet
234Kb / 18P
   Micropower Octal 8-Bit and 10-Bit DACs
logo
Analog Devices
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com