Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5392 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # 1N5392
Description  General Purpose Plastic Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1N5392 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  1N5392 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N5392 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5391 ...... 1N5399
SIYU R
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
1
2
4 6
10
20
40
100
40
30
20
10
0
50
大昌电子
DACHANG ELECTRONICS
0
25
50
75
100 125 150 175
1.8
1.5
1.2
0.9
0.6
0.3
0
10mm 10mm
环境温度 Ta(
°C)
FORWARD CURRENT DERATING CURVE
Tamb, ambient temperature (°C)
正向电流降额曲线
正向特性曲线(典型值)
正向电压
VF(V)
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
0.8
1.0
1.2
1.4
1.6
0.01
0.1
0.2
1
2
10
Tj = 25 °C


Similar Part No. - 1N5392

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5392 PANJIT-1N5392 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
1N5392 TSC-1N5392 Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N5392 YANGJIE-1N5392 Datasheet
690Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
logo
Dc Components
1N5392 DCCOM-1N5392 Datasheet
412Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Zibo Seno Electronic En...
1N5392 ZSELEC-1N5392 Datasheet
111Kb / 2P
   1.5A SILICON RECTIFIER
More results

Similar Description - 1N5392

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com