Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1682CMS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1682CMS8
Description  Doubler Charge Pumps with Low Noise Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1682CMS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1682CMS8 Datasheet HTML 4Page - Linear Technology LTC1682CMS8 Datasheet HTML 5Page - Linear Technology LTC1682CMS8 Datasheet HTML 6Page - Linear Technology LTC1682CMS8 Datasheet HTML 7Page - Linear Technology LTC1682CMS8 Datasheet HTML 8Page - Linear Technology LTC1682CMS8 Datasheet HTML 9Page - Linear Technology LTC1682CMS8 Datasheet HTML 10Page - Linear Technology LTC1682CMS8 Datasheet HTML 11Page - Linear Technology LTC1682CMS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1682/LTC1682-3.3/LTC1682-5
Operation
The LTC1682 uses a switched-capacitor charge pump to
generate a CPO voltage of approximately 2(VIN). CPO
powers an internal low dropout linear regulator that sup-
plies a regulated output at VOUT. Internal comparators are
used to sense CPO and VIN voltages for power-up condi-
tioning. The output current is sensed to determine the
charge pump operating mode. A trimmed internal bandgap
is used as the voltage reference and a trimmed internal
oscillator is used to control the charge pump switches.
The charge pump is a doubler configuration that uses one
external flying capacitor. When enabled, a 2-phase
nonoverlapping clock controls the charge pump switches.
At start-up, the LDO is disabled and the load is removed
from CPO. When CPO reaches 1.75(VIN) the LDO is
enabled. If CPO falls below 1.45(VIN) the LDO will be
disabled. Generally, the charge pump runs open loop with
continuous clocking for low noise. If CPO is greater than
1.95(VIN) and IOUT is less than 100µA, the charge pump
will operate in Burst Mode operation for increased effi-
ciency but slightly higher output noise. In Burst Mode
operation, the clock is disabled when CPO reaches 1.95(VIN)
and enabled when CPO droops by about 100mV. The
switching frequency is precisely controlled to ensure that
the frequency is above 455kHz and at the optimum rate to
ensure maximum efficiency. The switch edge rates are
also controlled to minimize noise. The effective output
resistance at CPO is dependent on the voltage at VIN, CPO
and the junction temperature. A low ESR capacitor of
≥2µF
should be used at CPO for minimum noise.
The LDO is used to filter the ripple on CPO and to set an
output voltage independent of CPO. VOUT is set by an
external or internal resistor divider. The LDO requires a
capacitor on VOUT for stability and improved load transient
response. A low ESR capacitor of
≥2µF should be used.
Output Voltage Selection
The LTC1682-3.3/LTC1682-5 versions have internal
resistor networks to set the regulated output voltage. The
LTC1682 output voltage is set using an external resistor
divider (see Figure 3). The output voltage is determined
using the following formula:
VOUT = 1.235V(1 + R1/R2)
The output voltage range is 2.5V to 5.5V.
Maximum VOUT and IOUT Calculations
The maximum available output voltage and current can be
calculated based on the open circuit CPO voltage, the
dropout voltage of the LDO and the effective output
resistance of the charge pump. The open circuit CPO
voltage is approximately 2(VIN) (see Figure 4).
Figure 3. Powering an Auxiliary Regulator from CPO
APPLICATIONS INFORMATION
R1
56k
R2
18k
C1
0.22
µF
C4
4.7
µF
1682 F03
VIN
3.6V
C3
4.7
µF
5.1V
VRIPPLE = 800µVP-P
1
2
3
4
8
7
6
5
VOUT
SHDN
FB
GND
CPO
C+
VIN
C
LTC1682
C2
4.7
µF
IN
3.3V
OUT
GND
C5
EXTERNAL LDO
VOUT = 1.235V(1 + R1/R2)
+
2VIN
RCPO
CCPO
VCPO
VOUT
ILOAD
1682 F04
RDROPOUT
VDROPOUT
+
Figure 4. Equivalent Circuit


Similar Part No. - LTC1682CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1682 LINER-LTC1682 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-5 LINER-LTC1682-5 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
More results

Similar Description - LTC1682CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
logo
California Micro Device...
CM3702 CALMIRCO-CM3702 Datasheet
445Kb / 11P
   Micropower Low-Noise Charge-Pump and Linear Regulator
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
   Low Noise Charge Pump/Linear Regulator LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com