Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1663IMS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1663IMS8
Description  10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1663IMS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1663IMS8 Datasheet HTML 4Page - Linear Technology LTC1663IMS8 Datasheet HTML 5Page - Linear Technology LTC1663IMS8 Datasheet HTML 6Page - Linear Technology LTC1663IMS8 Datasheet HTML 7Page - Linear Technology LTC1663IMS8 Datasheet HTML 8Page - Linear Technology LTC1663IMS8 Datasheet HTML 9Page - Linear Technology LTC1663IMS8 Datasheet HTML 10Page - Linear Technology LTC1663IMS8 Datasheet HTML 11Page - Linear Technology LTC1663IMS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1663
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
MS8 Package
8-Lead Plastic MSOP
(LTC DWG # 05-08-1660)
S5 Package
5-Lead Plastic SOT-23
(LTC DWG # 05-08-1633)
MSOP (MS8) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.021
± 0.006
(0.53
± 0.015)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.040
± 0.006
(1.02
± 0.15)
0.012
(0.30)
REF
0.006
± 0.004
(0.15
± 0.102)
0.034
± 0.004
(0.86
± 0.102)
0.0256
(0.65)
BSC
12
3
4
0.193
± 0.006
(4.90
± 0.15)
8
7 6
5
0.118
± 0.004*
(3.00
± 0.102)
0.118
± 0.004**
(3.00
± 0.102)
0.95
(0.037)
REF
1.50 – 1.75
(0.059 – 0.069)
0.35 – 0.55
(0.014 – 0.022)
0.35 – 0.50
(0.014 – 0.020)
FIVE PLACES (NOTE 2)
S5 SOT-23 0599
2.80 – 3.00
(0.110 – 0.118)
(NOTE 3)
1.90
(0.074)
REF
0.90 – 1.45
(0.035 – 0.057)
0.90 – 1.30
(0.035 – 0.051)
0.00 – 0.15
(0.00 – 0.006)
0.09 – 0.20
(0.004 – 0.008)
(NOTE 2)
2.60 – 3.00
(0.102 – 0.118)
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1663IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1663IMS8 LINEAR-LTC1663IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
More results

Similar Description - LTC1663IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1663 LINER-LTC1663_15 Datasheet
166Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with I2C Interface
LTC1669 LINER-LTC1669_15 Datasheet
169Kb / 16P
   10-Bit Rail-to-Rail Micropower DAC with IC Interface
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657 Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com