Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1668 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1668
Description  16-Bit, 50Msps DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1668 Datasheet(HTML) 3 Page - Linear Technology

  LTC1668 Datasheet HTML 1Page - Linear Technology LTC1668 Datasheet HTML 2Page - Linear Technology LTC1668 Datasheet HTML 3Page - Linear Technology LTC1668 Datasheet HTML 4Page - Linear Technology LTC1668 Datasheet HTML 5Page - Linear Technology LTC1668 Datasheet HTML 6Page - Linear Technology LTC1668 Datasheet HTML 7Page - Linear Technology LTC1668 Datasheet HTML 8Page - Linear Technology LTC1668 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1668
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 5V, VSS = – 5V, LADCOM = AGND = DGND = 0V, IOUTFS = 10mA.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input
Reference Small-Signal Bandwidth
IFS = 10mA, CCOMP1 = 0.1µF20
kHz
Power Supply
VDD
Positive Supply Voltage
q
4.75
5
5.25
V
VSS
Negative Supply Voltage
q
– 4.75
– 5
– 5.25
V
IDD
Positive Supply Current
IFS = 10mA, fCLK = 25Msps, fOUT = 1MHz
q
35
mA
ISS
Negative Supply Current
IFS = 10mA, fCLK = 25Msps, fOUT = 1MHz
q
33
40
mA
PDIS
Power Dissipation
IFS = 10mA, fCLK = 25Msps, fOUT = 1MHz
q
180
mW
IFS = 1mA, fCLK = 25Msps, fOUT = 1MHz
q
85
mW
Dynamic Performance (Differential Transformer Coupled Output, 50
Ω Double Terminated, Unless Otherwise Noted)
fCLOCK
Maximum Update Rate
q
50
75
Msps
tS
Output Settling Time
To 0.1% FSR
30
ns
tPD
Output Propagation Delay
8ns
Glitch Impulse
Single Ended
15
pV-s
Differential
5
pV-s
tr
Output Rise Time
4ns
tf
Output Fall Time
4ns
iNO
Output Noise
IFS = 10mA
50
pA/
√Hz
IFS = 1mA
30
pA/
√Hz
AC Linearity
SFDR
Spurious Free Dynamic Range
fCLK = 25Msps, fOUT = 1MHz
to Nyquist
0dB FS Output
78
87
dB
– 6dB FS Output
87
dB
–12dB FS Output
86
dB
–18dB FS Output
80
dB
fCLK = 50Msps, fOUT = 1MHz
84
dB
fCLK = 50Msps, fOUT = 2.5MHz
80
dB
fCLK = 50Msps, fOUT = 5MHz
77
dB
fCLK = 50Msps, fOUT = 20MHz
65
dB
Spurious Free Dynamic Range
fCLK = 25Msps, fOUT = 1MHz, 2MHz Span
86
96
dB
Within a Window
fCLK = 50Msps, fOUT = 5MHz, 4MHz Span
88
dB
THD
Total Harmonic Distortion
fCLK = 25Msps, fOUT = 1MHz
–84
–77
dB
fCLK = 50Msps, fOUT = 5MHz
–76
dB
Digital Inputs
VIH
Digital High Input Voltage
q
2.4
V
VIL
Digital Low Input Voltage
q
0.8
V
IIN
Digital Input Current
q
±10
µA
CIN
Digital Input Capacitance
5pF
tDS
Input Setup Time
q
8ns
tDH
Input Hold Time
q
4ns
tCLKH
Clock High Time
q
5ns
tCLKL
Clock Low Time
q
8ns


Similar Part No. - LTC1668

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1668 LINER-LTC1668 Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1668 LINER-LTC1668 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1668 LINER-LTC1668 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
LTC1668CG LINER-LTC1668CG Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results

Similar Description - LTC1668

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1666 LINER-LTC1666 Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
   16-BIT DAC
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC1744 LINER-LTC1744_15 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com