Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1664I Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1664I
Description  Micropower Quad 10-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664I Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1664I Datasheet HTML 2Page - Linear Technology LTC1664I Datasheet HTML 3Page - Linear Technology LTC1664I Datasheet HTML 4Page - Linear Technology LTC1664I Datasheet HTML 5Page - Linear Technology LTC1664I Datasheet HTML 6Page - Linear Technology LTC1664I Datasheet HTML 7Page - Linear Technology LTC1664I Datasheet HTML 8Page - Linear Technology LTC1664I Datasheet HTML 9Page - Linear Technology LTC1664I Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1664
PIN FUNCTIONS
GND (Pin 1): System Ground.
VOUT A to VOUT D (Pins 2–5): DAC Analog Voltage Outputs.
The output range is
0
1023
1024
to
VREF


REF (Pin 6): Reference Voltage Input. 0V
≤ VREF ≤ VCC.
CS/LD (Pin 7): Serial Interface Chip Select/Load Input.
When CS/LD is low, SCK is enabled for shifting data on DIN
into the register. When CS/LD is pulled high, SCK is
disabled and data is loaded from the shift register into the
specified DAC register(s), updating the analog output(s).
CMOS and TTL compatible.
SCK (Pin 8): Serial Interface Clock Input. CMOS and TTL
compatible.
DIN (Pin 9): Serial Interface Data Input. Data on the DIN pin
is shifted into the 16-bit register on the rising edge of SCK.
CMOS and TTL compatible.
DOUT (Pin 10): Serial Interface Data Output. Data appears
on DOUT 16 positive SCK edges after being applied to DIN.
May be tied to DIN of another serial device for daisy-chain
operaton. CMOS and TTL compatible.
CLR (Pin 11): Asynchronous Clear Input. All internal shift
and DAC registers are cleared to zero at the falling edge of
the CLR signal, forcing the analog outputs to zero scale.
CMOS and TTL compatible.
NC (Pins 12–15): Make no electrical connection to these
pins.
VCC (Pin 16): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V.


Similar Part No. - LTC1664I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1664IGN LINER-LTC1664IGN Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664IN LINER-LTC1664IN Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
More results

Similar Description - LTC1664I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661 LINER-LTC1661_15 Datasheet
235Kb / 14P
   Micropower Dual 10-Bit DAC in MSOP
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
   Quad 10-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5250BEAP-T MAXIM-MAX5250BEAP-T Datasheet
762Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC
Rev 1; 10/02
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
   10-BIT DAC
logo
Linear Technology
LTC1427-50 LINER-LTC1427-50_15 Datasheet
211Kb / 8P
   Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com