Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1595CCS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1595CCS8
Description  Serial 16-Bit Multiplying DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1595CCS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1595CCS8 Datasheet HTML 4Page - Linear Technology LTC1595CCS8 Datasheet HTML 5Page - Linear Technology LTC1595CCS8 Datasheet HTML 6Page - Linear Technology LTC1595CCS8 Datasheet HTML 7Page - Linear Technology LTC1595CCS8 Datasheet HTML 8Page - Linear Technology LTC1595CCS8 Datasheet HTML 9Page - Linear Technology LTC1595CCS8 Datasheet HTML 10Page - Linear Technology LTC1595CCS8 Datasheet HTML 11Page - Linear Technology LTC1595CCS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1595/LTC1596/LTC1596-1
Description
The LTC1595/LTC1596 are 16-bit multiplying DACs which
have serial inputs and current outputs. They use precision
R/2R technology to provide exceptional linearity and
stability. The devices operate from a single 5V supply and
provide
±10V reference input and voltage output ranges
when used with an external op amp. These devices have
a proprietary deglitcher that reduces glitch impulse to
1nV-s over a 0V to 10V output range.
Serial I/O
The LTC1595/LTC1596 have SPI/MICROWIRE compat-
ible serial ports that accept 16-bit serial words. Data is
accepted MSB first and loaded with a load pin.
The 8-pin LTC1595 has a 3-wire interface. Data is shifted
into the SRI data input on the rising edge of the CLK pin.
At the end of the data transfer, data is loaded into the DAC
register by pulling the LD pin low (see LTC1595 Timing
Diagram).
APPLICATIONS INFORMATION
The 16-pin LTC1596 can operate in identical fashion to the
LTC1595 but offers additional pins for flexibility. Four
clock pins are available STB1, STB2, STB3 and STB4.
STB1, STB2 and STB4 operate like the CLK pin of the
LTC1595, capturing data on their rising edges. STB3
captures data on its falling edge (see Truth Table 1).
The LTC1596 has two load pins, LD1 and LD2. To load
data, both pins must be taken low. If one of the pins is
grounded, the other pin will operate identically to LTC1595’s
LD pin. An asynchronous clear input (CLR) resets the
LTC1596 to zero scale (and the LTC1596-1 to midscale)
when pulled low (see Truth Table 2).
The LTC1596 also has a data output pin SRO that can be
connected to the SRI input of another DAC to daisy-chain
multiple DACs on one 3-wire interface (see LTC1596
Timing Diagram).
Unipolar (2-Quadrant Multiplying) Mode
(VOUT = 0V to –VREF)
The LTC1595/LTC1596 can be used with a single op amp
to provide 2-quadrant multiplying operation as shown in
Figure 1. With a fixed –10V reference, the circuits shown
give a precision unipolar 0V to 10V output swing.
Figure 1. Unipolar Operation (2-Quadrant Multiplication) VOUT = 0V to – VREF
Table 1. Unipolar Binary Code Table
DIGITAL INPUT
BINARY NUMBER
IN DAC REGISTER
–VREF (65,535/65,536)
–VREF (32,768/65,536) = –VREF/2
–VREF (1/65,536)
0V
LSB
1111 1111 1111
0000 0000 0000
0000 0000 0001
0000 0000 0000
ANALOG OUTPUT
VOUT
MSB
1111
1000
0000
0000
(b)
VDD VREF
LTC1595
RFB
GND
4
7
6
5
8
5V
VREF
–10V TO 10V
CLK
SRI
LD
1
2
3
OUT1
33pF
VOUT
0V TO –VREF
1595/96 F01b
LT1001
µP
0.1
µF
(a)
VDD VREF
LTC1596
RFB
AGND
DGND
3
12
10
4
7
5
6
9
8
11
2
14
13
5V
VREF
–10V TO 10V
TO NEXT DAC
FOR DAISY-CHAINING
15
16
1
OUT1
33pF
0.1
µF
VOUT
0V TO –VREF
1595/96 F01a
OUT2
LT1001
CLR
STB3
STB1
SRI
LD1
SRO
LD2
STB2
STB4
µP


Similar Part No. - LTC1595CCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1595 LINER-LTC1595 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1595 LINER-LTC1595 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
More results

Similar Description - LTC1595CCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Linear Technology
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC7543 LINER-LTC7543 Datasheet
217Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
logo
Analog Devices
AD5429 AD-AD5429_16 Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com