Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM4NB65 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4NB65
Description  650V N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4NB65 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM4NB65 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4NB65 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4NB65 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4NB65 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4NB65 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4NB65 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM4NB65 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM4NB65 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM4NB65 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TSM4NB65
650V N-Channel Power MOSFET
3/10
Version: C14
Electrical Characteristics Curves
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Current vs. Voltage


Similar Part No. - TSM4NB65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60 Datasheet
382Kb / 10P
   600V N-Channel Power MOSFET
TSM4NB60 TSC-TSM4NB60 Datasheet
1Mb / 11P
   600V N-Channel Power MOSFET
TSM4NB60CHC5G TSC-TSM4NB60CHC5G Datasheet
382Kb / 10P
   600V N-Channel Power MOSFET
TSM4NB60CHC5G TSC-TSM4NB60CHC5G Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM4NB60CHC5G TSC-TSM4NB60CHC5G Datasheet
1Mb / 11P
   600V N-Channel Power MOSFET
More results

Similar Description - TSM4NB65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com