Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1628I-PG Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1628I-PG
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628I-PG Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1628I-PG Datasheet HTML 6Page - Linear Technology LTC1628I-PG Datasheet HTML 7Page - Linear Technology LTC1628I-PG Datasheet HTML 8Page - Linear Technology LTC1628I-PG Datasheet HTML 9Page - Linear Technology LTC1628I-PG Datasheet HTML 10Page - Linear Technology LTC1628I-PG Datasheet HTML 11Page - Linear Technology LTC1628I-PG Datasheet HTML 12Page - Linear Technology LTC1628I-PG Datasheet HTML 13Page - Linear Technology LTC1628I-PG Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
LTC1628/LTC1628-PG
(Refer to Functional Diagram)
Main Control Loop
The LTC1628 uses a constant frequency, current mode
step-down architecture with the two controller channels
operating 180 degrees out of phase. During normal opera-
tion, each top MOSFET is turned on when the clock for that
channel sets the RS latch, and turned off when the main
current comparator, I1, resets the RS latch. The peak
inductor current at which I1 resets the RS latch is con-
trolled by the voltage on the ITH pin, which is the output of
each error amplifier EA. The VOSENSE pin receives the
voltage feedback signal, which is compared to the internal
reference voltage by the EA. When the load current in-
creases, it causes a slight decrease in VOSENSE relative to
the 0.8V reference, which in turn causes the ITH voltage to
increase until the average inductor current matches the
new load current. After the top MOSFET has turned off, the
bottom MOSFET is turned on until either the inductor
current starts to reverse, as indicated by current compara-
tor I2, or the beginning of the next cycle.
The top MOSFET drivers are biased from floating boot-
strap capacitor CB, which normally is recharged during
each off cycle through an external diode when the top
MOSFET turns off. As VIN decreases to a voltage close to
VOUT, the loop may enter dropout and attempt to turn on
the top MOSFET continuously. The dropout detector de-
tects this and forces the top MOSFET off for about 500ns
every tenth cycle to allow CB to recharge.
The main control loop is shut down by pulling the RUN/SS
pin low. Releasing RUN/SS allows an internal 1.2
µA
current source to charge soft-start capacitor CSS. When
CSS reaches 1.5V, the main control loop is enabled with the
ITH voltage clamped at approximately 30% of its maximum
value. As CSS continues to charge, the ITH pin voltage is
gradually released allowing normal, full-current opera-
tion. When both RUN/SS1 and RUN/SS2 are low, all
LTC1628 controller functions are shut down, and the
STBYMD pin determines if the standby 5V and 3.3V
regulators are kept alive.
Low Current Operation
The FCB pin is a multifunction pin providing two func-
tions: 1) to provide regulation for a secondary winding by
temporarily forcing continuous PWM operation on
controller 1 (or both controllers depending upon the
FLTCPL pin); and 2) select between
two modes of low
current operation. When the FCB pin voltage is below
0.800V, the controller forces continuous PWM current
mode operation. In this mode, the top and bottom
MOSFETs are alternately turned on to maintain the output
voltage independent of direction of inductor current.
When the FCB pin is below VINTVCC – 2V but greater than
0.80V, the controller enters Burst Mode operation. Burst
Mode operation sets a minimum output current level
before inhibiting the top switch and turns off the synchro-
nous MOSFET(s) when the inductor current goes nega-
tive. This combination of requirements will, at low cur-
rents, force the ITH pin below a voltage threshold that will
temporarily inhibit turn-on of both output MOSFETs until
the output voltage drops. There is 60mV of hysteresis in
the burst comparator B tied to the ITH pin. This hysteresis
produces output signals to the MOSFETs that turn them
on for several cycles, followed by a variable “sleep”
interval depending upon the load current. The resultant
output voltage ripple is held to a very small value by
having the hysteretic comparator after the error amplifier
gain block.
Constant Frequency Operation
When the FCB pin is tied to INTVCC, Burst Mode operation
is disabled and the forced minimum output current re-
quirement is removed. This provides constant frequency,
discontinuous (preventing reverse inductor current) cur-
rent operation over the widest possible output current
range. This constant frequency operation is not as efficient
as Burst Mode operation, but does provide a lower noise,
constant frequency operating mode down to approxi-
mately 1% of designed maximum output current.
Continuous Current (PWM) Operation
Tying the FCB pin to ground will force continuous current
operation. This is the least efficient operating mode, but
may be desirable in certain applications. The output can
source or sink current in this mode. When sinking current
while in forced continuous operation, current will be
forced back into the main power supply potentially boost-
ing the input supply to dangerous voltage levels—
BEWARE!
OPERATIO


Similar Part No. - LTC1628I-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628IG-SYNC LINER-LTC1628IG-SYNC Datasheet
375Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1628I-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727 Datasheet
398Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_1 Datasheet
315Kb / 28P
   2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
LTC3727A-1 LINER-LTC3727A-1 Datasheet
421Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com