Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC5304ED Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSC5304ED
Description  High Voltage NPN Transistor with Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5304ED Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC5304ED Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5304ED Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5304ED Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5304ED Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC5304ED Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC5304ED Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSC5304ED
High Voltage NPN Transistor with Diode
2/6
Version: E11
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
JC
3.57
oC/W
Thermal Resistance - Junction to Ambient
JA
68
oC/W
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC =1mA, IB =0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
IC =10mA, IE =0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE =1mA, IC =0
BVEBO
9
--
--
V
Collector Cutoff Current
VCB =700V, IE =0
ICBO
--
--
100
uA
Collector Cutoff Current
VCE =400V, IB =0
ICEO
--
--
250
uA
Emitter Cutoff Current
VEB =7V, IC =0
IEBO
--
--
10
uA
Collector-Emitter Saturation Voltage
IC =0.5A, IB =0.1A
VCE(SAT)1
--
0.25
0.7
V
IC =1A, IB =0.2A
VCE(SAT)2
--
0.5
1
IC =2.5A, IB =0.5A
VCE(SAT)3
--
1.2
1.5
IC =4A, IB =1A
VCE(SAT)4
--
0.5
--
Base-Emitter Saturation Voltage
IC =1A, IB =0.2A
VBE(SAT)1
--
--
1.1
V
IC =2A, IB =0.5A
VBE(SAT)2
--
--
1.2
DC Current Gain
VCE =5V, IC =10mA
Hfe
10
--
--
VCE =5V, IC =1A
17
--
37
VCE =5V, IC =2A
12
--
32
Forward Voltage Drop
IF =2A
Vf
--
--
2
V
Turn On Time
VCC =250V, IC =1A,
IB1=IB2=0.2A, tp=25uS
Duty Cycle<1%
tON
--
0.2
0.6
uS
Storage Time
tSTG
--
3.0
4.5
uS
Fall Time
tf
--
0.2
0.3
uS
Turn On Time
VCC =5V, IC =0.1A,
IB1=IB2=0.02A, tp=25uS
Duty Cycle<1%
tON
--
0.35
0.6
uS
Storage Time
tSTG
6.5
--
8.5
uS
Fall Time
tf
--
0.3
0.6
uS
Notes: Pulsed duration =380uS, duty cycle ≤2%


Similar Part No. - TSC5304ED

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC5304ED TSC-TSC5304ED Datasheet
228Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304EDCHC5 TSC-TSC5304EDCHC5 Datasheet
228Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304EDCPRO TSC-TSC5304EDCPRO Datasheet
228Kb / 6P
   High Voltage NPN Transistor with Diode
More results

Similar Description - TSC5304ED

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5302D UTC-5302D Datasheet
146Kb / 4P
   HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
logo
Taiwan Semiconductor Co...
TSC5301D TSC-TSC5301D_08 Datasheet
402Kb / 5P
   High Voltage NPN Transistor with Diode
TSC5304D TSC-TSC5304D_10 Datasheet
212Kb / 6P
   High Voltage NPN Transistor with Diode
TSC128D TSC-TSC128D_11 Datasheet
214Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304ED TSC-TSC5304ED Datasheet
228Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_07 Datasheet
306Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_10 Datasheet
243Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_14 Datasheet
689Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5303D TSC-TSC5303D_14 Datasheet
1Mb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D Datasheet
106Kb / 5P
   High Voltage NPN Transistor with Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com