Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC5302D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC5302D
Description  High Voltage NPN Transistor with Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5302D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC5302D_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5302D_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5302D_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5302D_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC5302D_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC5302D_14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSC5302D
High Voltage NPN Transistor with Diode
1/6
Version: G14
TO-251
(IPAK)
TO-252
(DPAK)
Features
Build-in Free-wheeling Diode Makes Efficient Anti-saturation
Operation
No Need to Interest hFE Value Because of Low Variable
Storage-time Spread Even Though Comer Spirit Product.
Low Base Drive Requirement
Suitable for Half Bridge Light Ballast Application
Structure
Silicon Triple Diffused Type
NPN Silicon Transistor with Diode
Ordering Information
Part No.
Package
Packing
TSC5302DCP ROG
TO-252
2.5kpcs / 13” Reel
TSC5302DCH C5G
TO-251
75pcs / Tube
Note: “G” denote for Halogen Free Product
Absolute Maximum Ratings (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
2
A
Collector Peak Current (tp <5ms)
ICM
4
A
Base Current
IB
1
A
Base Peak Current (tp <5ms)
IBM
2
A
Total Dissipation @ Tc ≤ 25
oC
TO-251
Ptot
1.5
W
TO-252
25
Maximum Operating Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
JC
6.25
oC/W
Junction to Ambient Thermal Resistance
JA
100
oC/W
Block Diagram
Pin Definition:
1. Base
2. Collector
3. Emitter
PRODUCT SUMMARY
BVCEO
400V
BVCBO
700V
IC
2A
VCE(SAT)
1.1V @ IC=1A, IB=0.25A


Similar Part No. - TSC5302D_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC5302D TSC-TSC5302D_10 Datasheet
243Kb / 6P
   High Voltage NPN Transistor with Diode
More results

Similar Description - TSC5302D_14

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5302D UTC-5302D Datasheet
146Kb / 4P
   HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
logo
Taiwan Semiconductor Co...
TSC5301D TSC-TSC5301D_08 Datasheet
402Kb / 5P
   High Voltage NPN Transistor with Diode
TSC5304ED TSC-TSC5304ED_12 Datasheet
271Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304D TSC-TSC5304D_10 Datasheet
212Kb / 6P
   High Voltage NPN Transistor with Diode
TSC128D TSC-TSC128D_11 Datasheet
214Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304ED TSC-TSC5304ED Datasheet
228Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_07 Datasheet
306Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_10 Datasheet
243Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5303D TSC-TSC5303D_14 Datasheet
1Mb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D Datasheet
106Kb / 5P
   High Voltage NPN Transistor with Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com